データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F1SQ-R100-JB

  • AI
    The **F1SQ-R100-JB** is a precision electronic component, specifically a **Wirewound Resistor** manufactured by **RCD Components**. It is designed for applications requiring high stability, precision, and the ability to handle surge conditions. --- ### 1. Technical Specifications The part number can be broken down to understand its core electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | F1SQ | Flameproof, Square Wirewound Series | | **Resistance Value** | 100 $\Omega$ | Indicated by "100" | | **Tolerance** | $\pm5\%$ | Indicated by the "J" suffix | | **Power Rating** | 1 Watt | Standard rating for the F1SQ-1 size | | **Packaging** | Bulk | Indicated by "B" | | **Temperature Coeff.** | $\pm$ 20 to 90 ppm/°C | Varies based on specific wire alloy used | --- ### 2. Key Electronic Features * **Wirewound Construction:** The resistive element consists of a specialized alloy wire wound around a ceramic core. This provides better performance under pulse/surge conditions compared to film resistors. * **Flameproof Coating:** The "SQ" designation often refers to the square-body or the flameproof inorganic coating. This ensures that the resistor will not ignite or produce flames even when subjected to extreme overloads. * **Inductance:** Since it is wirewound, it possesses a small amount of inherent inductance. This makes it ideal for power supplies and low-frequency circuits, but less suitable for high-frequency RF applications unless specified as "non-inductive." * **Thermal Stability:** These resistors are designed to maintain their resistance value across a wide temperature range (typically -55°C to +200°C or higher). --- ### 3. Common Applications Due to its robust electronic nature, the F1SQ-R100-JB is commonly found in: 1. **Inrush Current Limiting:** Protecting circuits from initial power spikes. 2. **Snubber Circuits:** Absorbing energy from switching transients in power electronics. 3. **Voltage Division:** Precision voltage dropping in industrial control boards. 4. **Automotive Electronics:** Used in modules where heat dissipation and vibration resistance are critical. --- ### 4. Comparison with Standard Resistors | Feature | F1SQ-R100-JB (Wirewound) | Typical Carbon Film Resistor | | :--- | :--- | :--- | | **Surge Handling** | Excellent | Poor | | **Precision** | High | Moderate | | **Operating Temp** | Very High | Moderate | | **Cost** | Higher | Very Low |
    ✨ Follow-up Questions
    • ⤷ What are the non-inductive alternatives for this resistor?
    • ⤷ How does the 'Flameproof' rating affect its failure mode?
    • ⤷ What is the maximum pulse voltage this part can withstand?