データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2AP-52-R/

  • AI
    The **F2AP-52-R** is a specific electronic component, most commonly identified as a **high-sensitivity, compact Power Relay** manufactured by companies like **Fujitsu** (often part of their FTR-F2 series). These relays are designed for high-density mounting on printed circuit boards (PCBs). --- ### 1. General Specifications Below are the typical technical characteristics for this series of components: | Feature | Specification Details | | :--- | :--- | | **Contact Form** | 2 Form A (DPST-NO: Double Pole Single Throw, Normally Open) | | **Coil Voltage** | 5V DC (indicated by the "5" in the part number) | | **Current Rating** | Typically 5A per contact | | **Mounting Type** | Through-hole (PCB Mount) | | **Contact Material** | Silver Tin Oxide (AgSnO2) or Gold Plated | | **Terminal Pitch** | Standard 5.0mm / 7.5mm layout | --- ### 2. Breakdown of the Part Number Electronic parts usually follow a nomenclature that defines their physical and electrical properties: * **F2**: Refers to the series family (FTR-F2 Series). * **A**: Indicates the contact arrangement (Form A / Normally Open). * **P**: Often indicates high sensitivity or a specific terminal style (Plastic sealed). * **5**: Represents the nominal coil voltage (**5V DC**). * **2**: Often indicates the number of poles (2-pole). * **R**: Usually designates the packaging type (e.g., Tray or Tape/Reel) or a specific ROHS compliance standard. --- ### 3. Key Electronic Functions 1. **Galvanic Isolation**: It allows a low-power circuit (like a 5V microcontroller) to control a high-power circuit (like a 120V/240V AC motor or lamp) without electrical connection between the two. 2. **Double Pole Switching**: Since it is a "2 Form A" relay, it can switch two independent circuits simultaneously with a single coil activation. 3. **Low Power Consumption**: The "P" (High Sensitivity) variants are designed to operate with minimal coil current, reducing heat and power draw on the control board. --- ### 4. Common Applications * **Consumer Electronics**: Power strips, microwave ovens, and air conditioners. * **Industrial Automation**: PLC output modules and small motor controllers. * **Office Equipment**: Photocopiers and printers for managing power-save modes. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the F2AP-52-R?
    • ⤷ Can this relay be triggered directly by an Arduino or ESP32 pin?
    • ⤷ What are the pinout dimensions for PCB footprint design?