データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2AP-A1-R

  • AI
    ## F2AP-A1-R: Electronic Specifications and Components The **F2AP-A1-R** is a specific model of an **Active Piezo Buzzer** (also known as an external drive magnetic transducer or indicator). It is widely used in automotive, industrial, and consumer electronics to provide audible alerts. ### 1. Key Technical Specifications Below is a breakdown of the core electronic parameters for the F2AP-A1-R: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Rated Voltage** | 12 | VDC | | **Operating Voltage** | 3.0 ~ 20.0 | VDC | | **Rated Current** | Max 10 | mA | | **Sound Output (at 10cm)** | Min 85 | dB | | **Resonant Frequency** | 3,400 ± 500 | Hz | | **Operating Temperature** | -30 ~ +85 | °C | | **Tone Nature** | Continuous | - | --- ### 2. Internal Electronic Structure The F2AP-A1-R is an **Active** device, meaning it contains internal circuitry. Unlike passive buzzers, it does not require an external AC signal to produce sound. 1. **Oscillator Circuit:** A built-in transistor-based oscillator converts the incoming DC voltage into an oscillating signal at the resonant frequency (approx. 3.4 kHz). 2. **Piezoelectric Element:** A ceramic disc coated with a metallic layer. When the oscillator applies voltage, the disc deforms (the piezoelectric effect), creating pressure waves in the air. 3. **Resonance Chamber:** The plastic housing is specifically shaped to amplify the sound produced by the piezo element. --- ### 3. Connection and Implementation Because it is a DC-driven device, the wiring is straightforward. It usually features two leads or pins: * **Red / Long Lead (+):** Positive Terminal. * **Black / Short Lead (-):** Negative/Ground Terminal. #### Simple Circuit Example To drive this part using a microcontroller (like an Arduino) and a transistor to protect the I/O pin: ```cpp // Example: Basic Tone Control const int buzzerPin = 9; // Connected to the base of a transistor void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Sound ON delay(1000); // Wait 1 second digitalWrite(buzzerPin, LOW); // Sound OFF delay(1000); } ``` --- ### 4. Comparison: Active vs. Passive | Feature | F2AP-A1-R (Active) | Passive Counterpart | | :--- | :--- | :--- | | **Input Signal** | DC Voltage | PWM / AC Signal | | **Ease of Use** | High (Plug and Play) | Moderate (Requires programming) | | **Tone Flexibility** | Fixed Tone | Variable Pitch | | **Complexity** | Contains internal driver | Requires external driver |
    ✨ Follow-up Questions
    • ⤷ What are the mounting options for the F2AP-A1-R (Pin vs. Lead wire)?
    • ⤷ How does increasing the voltage affect the decibel (dB) output of this buzzer?
    • ⤷ Can this buzzer be used with a 5V logic system without a step-up converter?