データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2AP-A2-R

  • AI
    ### Overview: F2AP-A2-R The **F2AP-A2-R** is a specific part number typically associated with **Industrial Automation and Power Control components**, often identified as a high-performance **Solid State Relay (SSR)** or a specialized **Interface Module** depending on the specific manufacturer (commonly associated with brands like **Fuji Electric** or **Panasonic/Fine-Suntronics** ecosystem). --- ### Technical Specifications The electronics of the F2AP-A2-R are designed for high-speed switching and isolation in industrial environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay / Interface Power Relay | | **Control Voltage (Input)** | Typically 5V to 24V DC | | **Load Voltage (Output)** | Up to 250V AC / 30V DC | | **Rated Current** | 2A to 5A (depending on thermal conditions) | | **Isolation Type** | Optocoupler (Photovoltaic) | | **Mounting Type** | PCB or DIN Rail Socket | --- ### Key Electronic Sub-systems #### 1. Input Circuit (Control Side) * **Optoisolator:** The core component that uses light to bridge the gap between the low-voltage control signal and the high-voltage load. This protects the PLC or microcontroller from electrical noise and surges. * **Current Limiting Resistor:** Ensures the internal LED of the optocoupler operates within safe current limits. #### 2. Switching Element (Output Side) * **Triac or MOSFET:** Depending on whether it is an AC or DC variant, it uses a power semiconductor to act as a switch. * **Zero-Cross Circuitry:** Many "A2" series relays include zero-cross detection, which ensures the relay only switches when the AC voltage is at 0V, reducing Electromagnetic Interference (EMI) and extending the life of the connected equipment. #### 3. Protection Features * **Snubber Circuit:** An internal RC (Resistor-Capacitor) network designed to suppress voltage spikes caused by inductive loads (like motors or solenoids). * **LED Indicator:** A built-in status light that shows when the input signal is active. --- ### Common Applications 1. **PLC Output Buffering:** Protecting delicate PLC outputs from heavy industrial loads. 2. **Solenoid Valve Control:** Rapid switching of pneumatic or hydraulic valves. 3. **Heater Control:** Precise temperature regulation via PID controllers. 4. **Signal Conversion:** Converting a low-power logic signal into a high-power actuation signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the F2AP-A2-R?
    • ⤷ How does a zero-cross trigger benefit inductive loads in this component?
    • ⤷ Is the F2AP-A2-R compatible with standard DIN rail sockets?