データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2AP-D1-R

  • AI
    ## Technical Overview of the F2AP-D1-R The **F2AP-D1-R** is a specific electronic component, typically categorized as a **Terminal Block Relay Module** or a **Slim Interface Relay**, often manufactured by companies like IDEC or similar industrial automation providers. These units are designed to interface between low-power control circuits (like a PLC) and high-power load devices. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics typical for this series: | Feature | Specification Details | | :--- | :--- | | **Relay Type** | Electromechanical / Slim Interface | | **Input Voltage** | Typically 24V DC | | **Contact Configuration** | 1PDT (1 Form C) or SPDT | | **Contact Rating** | 6A to 10A (at 250V AC / 30V DC) | | **Mounting Type** | 35mm DIN Rail | | **Termination** | Screw terminals or Push-in terminals | | **Indicator** | Integrated LED (Input Status) | --- ### 2. Core Electronic Components The F2AP-D1-R is not just a single part, but an assembly of several electronic sub-components: #### A. The Miniature Relay The heart of the module is a pluggable miniature relay. It uses an electromagnetic coil to mechanically move a set of contacts. This provides **galvanic isolation** between the control logic and the output load. #### B. Protection Circuitry (Flyback Diode) Since the input is DC, these modules include a **freewheeling (flyback) diode** across the coil. This prevents voltage spikes (Back EMF) from damaging the transistor outputs of the PLC when the relay is de-energized. #### C. Status LED A low-current LED is wired in parallel with the coil. It serves as a diagnostic tool, illuminating when the input signal is active, allowing technicians to verify the control signal at a glance. #### D. Base/Socket Logic The "F2AP" prefix often refers to the socket base. This base contains the wiring terminals and the mechanical clip to hold the relay securely in high-vibration environments. --- ### 3. Functional Applications * **Signal Isolation:** Protecting sensitive controllers from high-voltage surges. * **Level Shifting:** Using a 24V DC signal to switch a 230V AC motor or solenoid. * **Current Multiplication:** Using a 10mA PLC output to drive a 6A load. ---
    ✨ Follow-up Questions
    • ⤷What is the specific coil resistance for the 24V DC version?
    • ⤷ Does this module support both AC and DC loads on the contact side?
    • ⤷ Is the relay inside the F2AP-D1-R replaceable or permanently soldered?