データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2DY-24B-R

  • AI
    ### Overview of F2DY-24B-R The **F2DY-24B-R** is an industrial-grade, multi-functional timer relay manufactured by **Fuji Electric**. It is designed for precise time-delay control in automation circuits and control panels. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Fuji Electric | | **Rated Voltage** | 24V DC / AC | | **Contact Configuration** | DPDT (2 Form C) | | **Contact Rating** | 5A at 250V AC (Resistive) | | **Time Range** | 0.1 seconds to 10 hours (Selectable) | | **Mounting Type** | 8-Pin Plug-in (compatible with TP28S sockets) | | **Operation Modes** | ON-delay, OFF-delay, Flicker, Interval | --- ### Key Electronic Components & Functions 1. **Control Logic IC**: The "brain" of the unit is a dedicated CMOS integrated circuit. Unlike older thermal or pneumatic timers, this IC ensures high repeat accuracy (typically ±0.3% or better). 2. **Output Relay**: The device contains an internal electromagnetic relay. When the timing circuit completes its cycle, it energizes the coil to flip the DPDT switches. 3. **Potentiometer & Dial**: A high-precision analog potentiometer is located behind the front knob. It allows the user to adjust the time duration manually. 4. **DIP Switches**: Hidden on the side or bottom, these switches allow the user to toggle between different time scales (seconds, minutes, hours) and operating modes. 5. **LED Indicators**: * **PWR (Green):** Indicates that the supply voltage is present. * **OUT (Red):** Indicates that the output relay is energized. --- ### Wiring Diagram (Standard 8-Pin Layout) ```text Pin 2 & 7: Power Supply (24V AC/DC) Pin 1 & 8: Common (COM) Pin 3 & 6: Normally Open (NO) Pin 4 & 5: Normally Closed (NC) ``` --- ### Applications * **Motor Starters:** Managing Star-Delta transition timing. * **HVAC Systems:** Delaying fan start-up after heating elements activate. * **Conveyor Belts:** Sequential starting of multiple motors to prevent power surges. * **Packaging Machinery:** Precise control of heating or sealing durations.
    ✨ Follow-up Questions
    • ⤷What is the difference between ON-delay and Flicker modes on this relay?
    • ⤷ Which specific 8-pin socket is recommended for the F2DY-24B-R?
    • ⤷ Can this relay handle inductive loads like motors directly?