データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2PP-23N-R

  • AI
    ### Overview of the F2PP-23N-R The **F2PP-23N-R** is a specialized electronic component, typically identified as a **high-precision pressure sensor** or a **pressure switch** manufactured by Nidec Copal Electronics (formerly Fujikura). These components are widely used in industrial automation for monitoring air or non-corrosive gas pressure. --- ### Key Technical Specifications The electronic architecture of this part is designed for sensitivity and stability. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Pressure Type** | Gauge Pressure (Positive) | | **Rated Pressure Range** | 0 to 100 kPa (approx. 1 bar) | | **Output Type** | Analog Voltage / Switch Output | | **Power Supply** | 12 to 24 VDC | | **Current Consumption** | < 20 mA | | **Response Time** | ≤ 2.0 ms | | **Pressure Port** | M5 female or similar manifold mount | --- ### Internal Electronic Components The device functions through a series of integrated electronic stages: 1. **Sensing Element (MEMS):** The heart of the F2PP series is a **Piezoresistive Silicon Chip**. When pressure is applied, the silicon diaphragm deforms, changing the electrical resistance of the bridge circuit etched onto the chip. 2. **Signal Conditioning Circuit:** * **Amplifier:** The raw millivolt signal from the MEMS sensor is amplified to a usable level. * **Temperature Compensation:** Internal thermistors or compensation circuits ensure the output remains accurate despite ambient temperature fluctuations. 3. **Output Stage:** * **Analog:** Provides a linear voltage output proportional to the pressure. * **Switching:** Uses a comparator circuit to trigger a digital signal (NPN or PNP) when a specific pressure threshold is reached. --- ### Wiring and Connection Diagram The device typically utilizes a standard 3-wire or 4-wire configuration: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc (+) | Positive power supply (12-24V) | | **Blue** | GND (-) | Common ground | | **Black** | Output 1 | Digital Switch / Control Signal | | **White/Other**| Analog Out | 1-5V or 4-20mA Signal (Model dependent) | --- ### Application Usage * **Pick-and-Place Machines:** Monitoring vacuum or pressure levels for component suction. * **Leak Testing:** Detecting drops in pressure within a sealed system. * **Pneumatic Control:** Ensuring industrial actuators receive the correct air pressure. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure limit before the F2PP-23N-R sustains damage?
    • ⤷ Does this model support NPN or PNP switching logic?
    • ⤷ How does the temperature compensation range affect its accuracy in industrial environments?