データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2PP-31N-R

  • AI
    ## Overview of the F2PP-31N-R The **F2PP-31N-R** is a high-performance, compact digital pressure sensor typically used in industrial automation, pneumatics, and fluid control systems. It belongs to a category of precision electronic components designed to convert physical pressure into readable digital data and electrical signals. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and operational characteristics: | Feature | Specification | | :--- | :--- | | **Pressure Range** | -0.100 to 1.000 MPa (Vacuum to Positive Pressure) | | **Output Type** | 2 NPN Open Collector Outputs | | **Analog Output** | 1-5V DC | | **Power Supply** | 12 to 24V DC ±10% | | **Current Consumption** | ≤ 40mA (at 24V DC) | | **Display Type** | 3½ Digit, 2-Color LED (Red/Green) | | **Response Time** | ≤ 2.5ms (with chattering prevention options) | --- ### 2. Core Electronic Sub-systems #### A. Sensing Element (Transducer) The heart of the device is a **piezoresistive silicon sensor**. When pressure is applied, it deforms a microscopic diaphragm, changing the electrical resistance of the circuit. This change is proportional to the pressure. #### B. Signal Conditioning & ADC The raw analog signal from the diaphragm is extremely weak. The internal electronics include: * **Amplifier:** Boosts the millivolt signal. * **Analog-to-Digital Converter (ADC):** Converts the amplified voltage into a digital value for the microprocessor. #### C. Control Logic (Microcontroller) The internal MCU handles: * **Threshold Comparison:** Compares current pressure against user-defined "Set Points." * **Display Logic:** Changes the LED color (e.g., Green for normal, Red for alarm). * **Unit Conversion:** Switches between units like MPa, kPa, kgf/cm², bar, and psi. #### D. Output Circuitry The device uses **NPN Open Collector** outputs. * **Operation:** When the pressure reaches the set point, the NPN transistor switches "ON," pulling the output lead to the common ground (0V). * **Protection:** Usually includes built-in short-circuit and reverse polarity protection to prevent damage from incorrect wiring. --- ### 3. Wiring Configuration The F2PP-31N-R typically utilizes a 4-wire or 5-wire connection scheme: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | V+ | Positive Power Supply (12-24V DC) | | **Blue** | 0V | Common Ground | | **Black** | Out 1 | NPN Digital Output 1 | | **White** | Out 2 | NPN Digital Output 2 | | **Gray** | Analog | 1-5V Analog Output (Optional on some variants) | --- ### 4. Electronic Features for Industrial Reliability * **Hysteresis Adjustment:** Allows the user to set a "buffer" zone to prevent the electronics from rapidly flickering (chattering) when pressure fluctuates near the set point. * **Auto-Zero Adjustment:** A digital offset function that recalibrates the electronic "zero" point to atmospheric pressure. * **Key Lock:** Electronic software lockout to prevent unauthorized tampering with settings.
    ✨ Follow-up Questions
    • ⤷ How do you wire an NPN output sensor to a PLC input?
    • ⤷ What is the difference between the F2PP-31N-R and the PNP version?
    • ⤷ Can this sensor be used for liquid pressure
    • ⤷ or is it strictly for air?