データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-05-R/

  • AI
    The **F2TS-05-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These switches are designed for human-machine interface (HMI) applications where space is limited. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the F2TS-05-R: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuation Force** | Typically 160gf to 250gf (Standard tactile feel) | | **Contact Rating** | 50mA @ 12V DC (Signal level) | | **Contact Resistance** | < 100 mΩ | | **Dimensions** | 5.2mm x 5.2mm (Common footprint) | | **Operating Life** | ~100,000 to 500,000 cycles | --- ### 2. Physical Construction The F2TS-05-R consists of four primary internal parts: 1. **Actuator (Button):** The top part that the user presses. It is usually made of heat-resistant plastic to withstand SMT reflow soldering. 2. **Contact Dome:** A snap-action metal disc (usually stainless steel or phosphor bronze). This provides the "click" sound and tactile feedback while bridging the electrical gap. 3. **Base:** A high-temperature thermoplastic housing that holds the terminals and the dome in place. 4. **Terminals:** Silver-plated or gold-plated copper alloy leads that are soldered onto the PCB. --- ### 3. Application Use Cases Due to its small form factor and reliability, this part is commonly found in: * **Consumer Electronics:** Remote controls, digital cameras, and handheld gaming devices. * **Wearables:** Smartwatches and fitness trackers (due to the low-profile height). * **Industrial Equipment:** Control panels and reset buttons on embedded systems. * **IoT Devices:** Pairing buttons or user input triggers on smart home sensors. --- ### 4. Schematic Representation In a circuit diagram, the F2TS-05-R is represented as a normally open (NO) momentary switch: ```text (Pin 1) ----\ ---- (Pin 2) \ (Switch) / (Pin 3) ----/ ---- (Pin 4) ``` *Note: In most 5.2mm tactile switches, Pins 1 & 2 are internally connected, and Pins 3 & 4 are internally connected.*
    ✨ Follow-up Questions
    • ⤷ What are the soldering temperature requirements for the F2TS-05-R?
    • ⤷ Can this switch be used in waterproof (IP67) applications?
    • ⤷ What is the specific height (mm) of the F2TS-05-R actuator?