データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-2A-R

  • AI
    The **F2TS-2A-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Fast-Acting Fuse**. It is widely used in power management and circuit protection to prevent damage from overcurrent conditions. --- ## 1. Technical Specifications The following table highlights the core electrical characteristics of the F2TS-2A-R: | Parameter | Specification | | :--- | :--- | | **Rated Current** | 2.0 Amperes (2A) | | **Rated Voltage** | 32V / 63V / 125V (Varies by series, check datasheet) | | **Interrupt Rating** | 50A @ Rated Voltage | | **Fuse Type** | Fast-Acting (F) | | **Package / Case** | 1206 (3216 Metric) | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Key Internal Components The "Electronic Parts" within this fuse assembly are engineered for precision and thermal sensitivity: 1. **Fuse Element:** A thin metallic wire or film (often silver, copper, or an alloy) designed to melt at a specific temperature generated by a 2A current flow. 2. **Ceramic/Glass Body:** A substrate that houses the element, providing structural integrity and high insulation resistance. 3. **Termination Caps:** Silver or Gold-plated end caps that ensure low contact resistance when soldered to a PCB. 4. **Arc Quenching Material:** Internal filler (in some high-voltage variants) to extinguish the electrical arc formed when the fuse blows. --- ## 3. Part Number Breakdown (Naming Convention) The alphanumeric code often provides specific details about the part's build: * **F2TS:** Series designator (often indicating Fast-acting, Thin-film, or Square-ceramic technology). * **2A:** The Current Rating (2.0 Amps). * **R:** Indicates **RoHS compliance** and/or **Reel packaging** for automated assembly. --- ## 4. Typical Applications Because of its small **1206 footprint** and fast response time, the F2TS-2A-R is commonly found in: * **LCD Monitors & Televisions:** Protecting backlight inverters. * **Battery Management Systems (BMS):** Guarding against short circuits in Li-ion packs. * **Networking Equipment:** Protecting PoE (Power over Ethernet) ports. * **Laptops:** Circuit protection for USB ports and DC-in jacks.
    ✨ Follow-up Questions
    • ⤷ What is the melting integral (I2t) value for the F2TS-2A-R?
    • ⤷ Can this fuse be used in AC circuits or is it DC only?
    • ⤷ What are the recommended soldering temperature profiles for 1206 SMD fuses?