データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-34-R

  • AI
    The **F2TS-34-R** is a specific electronic component belonging to the family of **Through-Hole Connectors**, typically categorized as a flat cable header or a shrouded pin header. These are commonly used in industrial electronics, telecommunications, and PCB (Printed Circuit Board) assemblies to facilitate secure wire-to-board connections. --- ### Technical Specifications The "34" in the part number usually indicates the **pin count**. Below are the generalized technical characteristics for this series: | Property | Description | | :--- | :--- | | **Number of Positions** | 34 Pins (arranged in 2 rows of 17) | | **Mounting Type** | Through-Hole (THT) | | **Contact Gender** | Male Pins (Header) | | **Pitch** | Typically 2.54mm (0.1 inch) or 2.00mm | | **Orientation** | Right-Angle (R designation) | | **Housing Material** | Thermoplastic (UL94V-0 rated) | | **Contact Plating** | Usually Gold or Tin over Nickel | --- ### Key Components & Design Features #### 1. The Shroud (Housing) The "F2TS" series often features a **shrouded design**. The plastic box around the pins serves two purposes: * **Polarization:** It ensures the mating cable can only be inserted in one direction. * **Protection:** It prevents the pins from being bent or accidentally short-circuited. #### 2. Right-Angle Lead (The "R" Suffix) The **R** at the end of the part number signifies a **Right-Angle** configuration. Instead of the pins sticking straight up from the board, they are bent 90 degrees. This is ideal for: * Low-profile enclosures. * Side-entry cabling. * Stacking multiple PCBs vertically. #### 3. Ejector Latches (Optional) Depending on the specific sub-model, these headers often include long or short "latches" on the sides. These lock the mating IDC (Insulation Displacement Connector) cable into place and allow for easy ejection without pulling on the wires. --- ### Common Applications * **Internal Data Transfer:** Connecting motherboards to peripheral modules. * **Industrial Controls:** Interfacing PLCs (Programmable Logic Controllers) with I/O boards. * **Ribbon Cable Interfaces:** Used with standard 34-conductor flat ribbon cables. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard current rating for the F2TS-34-R connector?
    • ⤷ Is the F2TS-34-R compatible with standard IDC ribbon cable sockets?
    • ⤷ What are the footprint dimensions for PCB layout?