データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-4E-R

  • AI
    ## F2TS-4E-R Electronic Component Overview The **F2TS-4E-R** is a specific model of a **Thermal Link (Thermal Cutoff)**, commonly used in consumer electronics, automotive components, and industrial equipment to prevent fires or damage caused by overheating. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the F2TS-4E-R: | Parameter | Specification | |:---|:---| | **Function** | Thermal Cutoff (Non-resettable) | | **Rated Functioning Temperature ($T_f$)** | Typically 102°C to 115°C (Verify via specific datasheet) | | **Rated Voltage** | 250V AC | | **Rated Current** | 2A to 4A (Model dependent) | | **Package Type** | Radial Lead (Through-hole) | | **RoHS Compliant** | Yes | --- ### 2. Functional Principle The F2TS-4E-R acts as a "safety fuse" for temperature rather than just current. * **Normal Operation:** The internal thermal element is solid, keeping the electrical contact closed and allowing current to flow to the device. * **Overheat Event:** When the ambient temperature reaches the rated functioning temperature ($T_f$), the internal thermal pellet melts. * **Circuit Interruption:** A compressed spring is released, pushing the contacts apart and permanently breaking the circuit. * **One-Time Use:** Once triggered, this component cannot be reset. It must be replaced to restore device functionality. --- ### 3. Typical Applications These parts are found in circuits where heat management is critical: 1. **Small Appliances:** Coffee makers, irons, and hair dryers. 2. **Power Supplies:** Inside transformers to prevent winding meltdowns. 3. **Electric Motors:** To protect against stall-induced overheating. 4. **Battery Packs:** Providing a final layer of protection against thermal runaway. --- ### 4. Installation Considerations When replacing or designing with an F2TS-4E-R, consider the following: * **Lead Bending:** Avoid bending the leads too close to the body of the component to prevent breaking the hermetic seal. * **Soldering:** Because this is a heat-sensitive device, use a heat sink (like a pair of pliers) on the lead while soldering to prevent the component from tripping prematurely. * **Polarity:** Thermal links are non-polarized components and can be installed in either direction.
    ✨ Follow-up Questions
    • ⤷ What is the exact functioning temperature for the F2TS-4E-R variant?
    • ⤷ How does a thermal link differ from a standard glass fuse?
    • ⤷ What are the recommended soldering techniques to avoid accidental tripping?