データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-53-R/K

  • AI
    The **F2TS-53-R/K** is a high-performance, double-pole double-throw (DPDT) **Electromechanical Relay**, typically classified under high-frequency or RF (Radio Frequency) switching components. These parts are often utilized in telecommunications, automated test equipment (ATE), and medical electronics. --- ### 1. Key Technical Specifications Below are the typical specifications for the F2TS series (note that specific suffixes like R/K often denote lead styling or packaging variations): | Feature | Description | | :--- | :--- | | **Contact Form** | 2 Form C (DPDT) | | **Coil Voltage** | Typically 3V, 4.5V, 5V, 12V, or 24V DC (Model dependent) | | **Switching Type** | Non-latching or Latching (K often indicates Latching) | | **Frequency Range** | DC up to 3 GHz (optimized for RF) | | **Isolation** | High Isolation (approx. 30dB @ 2GHz) | | **Insertion Loss** | Low Loss (approx. 0.2dB @ 2GHz) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | --- ### 2. Functional Components To understand the electronic parts inside the F2TS-53-R/K, we can break it down into its core architecture: #### A. The Coil Assembly The "input" side of the relay. When current flows through the copper coil, it creates a magnetic field. * **Winding:** Ultra-fine copper wire. * **Core:** A soft iron core that concentrates the magnetic flux. #### B. The Actuator & Armature The mechanical interface that moves when the coil is energized. * **Bifurcated Crossbar:** Used to ensure high contact reliability even at low signal levels. * **Spring Mechanism:** Ensures the contacts return to their "Normal" state when power is removed (in non-latching versions). #### C. RF Optimized Contacts Unlike standard power relays, the contacts in the F2TS series are designed for signal integrity. * **Gold Plating:** Contacts are usually gold-clad to prevent oxidation and maintain low contact resistance. * **Impedance Matching:** The internal geometry is designed to maintain a 50-ohm characteristic impedance to prevent signal reflection. --- ### 3. Application Use Cases 1. **Telecommunications:** Switching between antennas or signal paths in base stations. 2. **Test & Measurement:** Used in oscilloscopes and signal generators to route high-frequency signals without distortion. 3. **Security Systems:** High-reliability switching for sensors and monitoring equipment. --- ### 4. Part Number Decoder (Typical) * **F2:** Series designation. * **T:** Surface Mount / Terminal type. * **S:** Small/Slim package footprint. * **53:** Specific electrical rating or coil sensitivity code. * **R/K:** **R** typically stands for Tape & Reel packaging; **K** often signifies a specific terminal finish or a latching drive requirement.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the latching (K) and non-latching versions of this relay?
    • ⤷ How does the 50-ohm impedance matching affect signal integrity in RF circuits?
    • ⤷ What are the soldering precautions for surface-mount RF relays like the F2TS?