データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-61-R

  • AI
    ### Overview: F2TS-61-R The **F2TS-61-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These switches are designed to provide physical feedback (a "click") to the user when pressed and are commonly found in consumer electronics, automotive interfaces, and industrial controls. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics of this part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Normally Open) | | **Contact Rating** | 50mA @ 12V DC (Typical) | | **Contact Resistance** | 100 mΩ Max | | **Operating Force** | 1.6N to 2.5N (160gf - 250gf) | | **Travel/Stroke** | 0.25mm ± 0.1mm | --- ### Key Electronic & Mechanical Features #### 1. Contact Mechanism * **Normally Open (NO):** The circuit is only completed while the button is actively depressed. * **Snap-Action:** Uses a internal metal dome that "snaps" to provide tactile feedback and high-speed contact closure. #### 2. Durability * **Cycle Life:** Designed for high longevity, often rated between **100,000 to 500,000 cycles** depending on the specific sub-variant. * **Materials:** Typically features silver-plated contacts to ensure low resistance and prevent oxidation. #### 3. Form Factor * The "R" suffix often denotes **Tape and Reel** packaging, making the part compatible with automated pick-and-place assembly machines. * The footprint is compact, designed for high-density PCB layouts. --- ### Typical Applications * **Consumer Electronics:** Power buttons on smartphones, volume rockers, or camera shutters. * **Home Appliances:** Control panels for microwave ovens or washing machines. * **Automotive:** Dashboard buttons, steering wheel controls, and key fobs. * **Computing:** Reset buttons on motherboards or peripherals. --- ### Schematic Representation In a circuit diagram, the F2TS-61-R is represented as a simple momentary switch: ```text [ Button ] -----------/ ----------- (Terminal 1) (Terminal 2) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size (mm) for the F2TS-61-R?
    • ⤷ Is this switch available in different operating force (gram-force) variants?
    • ⤷ Does the F2TS-61-R have an IP rating for water or dust resistance?