データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-72-R/Q

  • AI
    The **F2TS-72-R/Q** is a specific model within the series of high-precision thermal sensitive switches or thermal protectors, commonly used in industrial automation and safety systems. ### 1. Overview and Functionality The F2TS series typically functions as a **Thermal Reed Switch**. Unlike traditional mechanical thermostats, these devices use a combination of a permanent magnet and a temperature-sensitive ferrite (Thermorite) to control the state of a reed switch. * **Mechanism:** When the ambient temperature reaches the specific "Curie point" of the ferrite material, its magnetic permeability changes. This causes the internal reed switch to either open or close. * **Purpose:** Overheat protection, temperature control, and thermal sensing in hazardous or sensitive environments. --- ### 2. Technical Specifications Based on standard naming conventions for this series, the technical breakdown is as follows: | Feature | Specification Details | | :--- | :--- | | **Model Type** | F2TS (Thermal Reed Switch) | | **Temperature Setting** | 72°C (The "72" indicates the trip temperature) | | **Contact Form** | R/Q (Typically refers to Break/Make or Specific Lead Configurations) | | **Switching Voltage** | Usually up to 100V - 250V AC/DC (model dependent) | | **Switching Current** | Typically 0.5A to 1.0A | | **Hysteresis** | High precision (usually within ±2°C to ±5°C) | --- ### 3. Key Electronic Components The device is comprised of three main internal electronic/physical parts: 1. **Reed Switch:** A glass-encapsulated switch with two ferromagnetic blades. In the presence of a magnetic field, these blades touch (or separate). 2. **Permanent Magnet:** Provides the magnetic flux necessary to actuate the reed switch. 3. **Thermorite (Temperature Sensitive Ferrite):** This is the "logic" of the component. It acts as a magnetic shield or conductor. Below 72°C, it allows the magnetic field to reach the switch; at 72°C, it blocks or redirects the field, changing the switch state. --- ### 4. Advantages of this Design * **Longevity:** Since the contacts are sealed in glass (inert gas), they do not oxidize and are safe for use in explosive or dusty environments. * **Precision:** The Curie point of the ferrite is a physical property of the material, making it much more stable over time than bimetallic strips. * **Speed:** Faster response times compared to bulky mechanical thermostats. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'Q' suffixes in this part number?
    • ⤷ Can this switch be used for direct motor control or does it require a relay?
    • ⤷ What are the common mounting options for the F2TS series?