データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-7B-R/Q

  • AI
    The **F2TS-7B-R/Q** is a specific technical component part number, most commonly associated with **optical transceivers** or **high-speed connectivity modules** (often used in industrial networking or fiber optic systems). Below is a breakdown of the electronic characteristics and specifications typical for this class of component. --- ### 1. General Specifications These parts are designed for high-reliability data transmission. The "7B" designation often refers to the wavelength or speed rating within a specific manufacturer's series. | Feature | Description | | :--- | :--- | | **Component Type** | Optical Transceiver Module / Fiber Interface | | **Interface Type** | SFP (Small Form-factor Pluggable) or similar | | **Data Rate** | Typically supports Gigabit or Multi-rate speeds | | **Wavelength** | Often 850nm (Multi-mode) or 1310nm (Single-mode) | | **Voltage Supply** | 3.3V DC (Standard) | --- ### 2. Electronic Architecture The internal circuitry of a module like the F2TS-7B-R/Q consists of several key functional blocks: * **Transmitter Path:** * **Laser Driver:** Converts CMOS/TTL electrical signals into current pulses to drive the light source. * **Light Source:** Either a VCSEL (Vertical-Cavity Surface-Emitting Laser) or a Fabry-Perot (FP) laser. * **Receiver Path:** * **Photodiode:** Converts incoming optical signals back into electrical current. * **TIA (Trans-Impedance Amplifier):** Amplifies the low-level current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Squares the waveform to ensure clean digital output. --- ### 3. Pinout and Connectivity Standard optical modules utilize a 20-pin gold-finger connector. Key pins include: ```markdown Pin 1: VeeT (Transmitter Ground) Pin 2: TX_Fault (Indicates laser failure) Pin 3: TX_Disable (Turns off the laser) Pin 4: SDA (I2C Data for Serial ID) Pin 5: SCL (I2C Clock) ... Pin 12: RD- (Inverted Received Data) Pin 13: RD+ (Non-inverted Received Data) ``` --- ### 4. Environmental and Compliance Modules with the **-R/Q** suffix usually denote specific certifications or hardware revisions: * **RoHS Compliant:** Lead-free construction. * **Industrial Temperature Range:** Often rated for -40°C to +85°C. * **EMI Shielding:** Integrated metal housing to reduce electromagnetic interference.
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission distance for the F2TS-7B series?
    • ⤷ Is this module compatible with standard Cisco or HP switches?
    • ⤷ What does the 'R/Q' suffix specifically signify regarding lead-free standards?