データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-85-R/Q

  • AI
    The **F2TS-85-R/Q** is a specific variant of a high-performance, shielded connector interface, commonly associated with high-speed data transmission and automotive or industrial networking. Below is a breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications Overview The F2TS series is designed to handle differential signals with high integrity. The "R/Q" suffix usually denotes specific coding (mechanical keying) and orientation. | Parameter | Typical Value / Range | | :--- | :--- | | **Impedance** | 100 $\Omega$ (Differential) | | **Frequency Range** | DC up to 6 GHz (Application dependent) | | **Data Rate** | Up to 12 Gbps | | **Operating Temperature** | -40°C to +105°C | | **Contact Resistance** | < 10 m$\Omega$ | | **Insulation Resistance** | > 100 M$\Omega$ | --- ### 2. Key Electronic Components & Features The part is comprised of several critical sub-elements that ensure electronic stability: * **Signal Contacts:** Gold-plated copper alloy pins designed for low insertion loss and high conductivity. * **Dielectric Insulator:** High-temperature plastic (often LCP or PBT) that maintains a constant dielectric constant to stabilize impedance. * **Shielding (EMI/EMC):** A metal outer shell that provides 360° grounding to prevent electromagnetic interference, crucial for high-speed Ethernet or LVDS signals. * **Mechanical Keying (Q-Coding):** The "Q" often refers to the mechanical "coding" or "keying" which prevents the wrong cable from being plugged into the port, ensuring electronic compatibility across a system. --- ### 3. Common Applications This part is typically found in environments requiring robust connectivity: 1. **Automotive Infotainment:** Connecting high-resolution displays or camera systems (LVDS/GVIF). 2. **ADAS Systems:** Transmission of sensor data (Radar/Lidar) where low latency is critical. 3. **Industrial High-Speed Data:** Secure connections in automated manufacturing lines. --- ### 4. Mounting & Termination The electronic connection to the PCB is usually achieved through: * **SMT (Surface Mount Technology):** For signal pins to minimize lead inductance. * **Through-Hole Reflow (THR):** Often used for the shield legs to provide mechanical strength and a superior path to ground. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout configuration for the F2TS-85-R/Q?
    • ⤷ Does this connector support the HSD (High Speed Data) protocol?
    • ⤷ What are the differences between the R-coding and Q-coding for this series?