データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2TS-8E-R

  • AI
    ## Overview of F2TS-8E-R The **F2TS-8E-R** is an industrial-grade **Thermocouple Input Module** designed for programmable logic controllers (PLCs) or distributed I/O systems. It is primarily used to interface temperature sensors (thermocouples) with a digital control system. --- ### Technical Specifications Below are the primary electronic characteristics and specifications for the F2TS-8E-R: | Feature | Specification | | :--- | :--- | | **Input Channels** | 8 Isolated Channels | | **Input Type** | Thermocouple (J, K, T, E, R, S, B, N) | | **Resolution** | 16-bit (High precision conversion) | | **Isolation** | Channel-to-Bus and Channel-to-Channel isolation | | **Sampling Rate** | Variable (typically ~100ms per channel) | | **Power Consumption** | Low voltage DC (supplied via backplane) | | **Operating Temp** | -20°C to +60°C | --- ### Key Electronic Components & Functionality #### 1. Analog-to-Digital Converter (ADC) The heart of the module is a high-resolution ADC (typically **24-bit delta-sigma** scaled to 16-bit output). This component converts the microvolt ($\mu V$) signals produced by thermocouples into digital data that a CPU can process. #### 2. Cold Junction Compensation (CJC) Thermocouples measure the difference in temperature between two points. To get an absolute temperature reading, the module includes a **CJC thermistor** or integrated circuit. This measures the temperature at the terminal block (the "cold" junction) to mathematically offset the thermocouple reading. #### 3. Galvanic Isolation To prevent electrical noise and ground loops from damaging the PLC backplane, the F2TS-8E-R utilizes: * **Optocouplers:** For digital signal isolation. * **Isolated DC-DC Converters:** To provide floating power to the analog side of the circuitry. #### 4. Signal Filtering The module incorporates low-pass filters to eliminate **50/60 Hz line noise**, which is common in industrial environments and can easily interfere with low-voltage thermocouple signals. --- ### Wiring Configuration Example When connecting sensors to the F2TS-8E-R, polarity is critical. Below is a simplified representation of the wiring logic: ```c // Pseudo-logic for Channel 0 Connection [Terminal 1] ---> Positive (+) Lead (e.g., Yellow for Type K) [Terminal 2] ---> Negative (-) Lead (e.g., Red for Type K) [Terminal 3] ---> Shield/Ground (To reduce EMI) ``` --- ### Comparison with Standard RTD Modules While similar in purpose, the F2TS-8E-R differs from RTD modules in several ways: 1. **Measurement Principle:** Measures voltage (Seebeck effect) vs. resistance. 2. **Range:** Thermocouples can measure much higher temperatures (up to 1800°C) than RTDs. 3. **Accuracy:** Slightly lower base accuracy than RTDs, but more durable in high-vibration environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage isolation rating for the F2TS-8E-R?
    • ⤷ Does this module support burnout detection for broken thermocouple wires?
    • ⤷ Which PLC backplane series is this specific module compatible with?