データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-0B-R

  • AI
    The **F2VF-0B-R** is a specific electronic connector component, primarily associated with high-density automotive or industrial electronic control units (ECUs). It belongs to a specialized family of board-to-wire or board-to-board interconnect systems. --- ### ## Technical Specifications Overview The "F2VF" prefix typically refers to a specific series of headers or receptacles designed for vibration resistance and high-signal integrity. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Header Connector / Receptacle | | **Pitch** | Typically 0.50mm or 1.0mm (High Density) | | **Mounting Type** | Through-hole or Surface Mount (SMT) | | **Contact Material** | Copper Alloy with Tin or Gold Plating | | **Housing Material** | High-Temperature Thermoplastic (LCP or PBT) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ### ## Component Anatomy & Features #### 1. Mechanical Robustness The "0B" designation often refers to the **keying and indexing** of the connector. In automotive applications, connectors are color-coded and mechanically keyed to prevent "mismating" (plugging the wrong cable into the wrong port). #### 2. Electrical Integrity * **Current Rating:** Usually rated for low current (0.5A to 2A per pin), specifically for signal processing rather than power delivery. * **Voltage Rating:** Rated for standard 12V/24V automotive logic levels. * **EMI Shielding:** Often features grounded metal tabs to prevent electromagnetic interference in sensitive sensor circuits. #### 3. Termination Style The **-R** suffix generally indicates one of two things depending on the manufacturer's nomenclature: * **Right Angle:** The pins exit the housing at a 90-degree angle to the PCB. * **Tape & Reel:** The packaging format for automated SMT assembly. --- ### ## Common Applications These parts are most frequently found in the following electronic systems: 1. **Automotive ECUs:** Connecting the main processing board to external sensors. 2. **Infotainment Systems:** High-speed data transfer between the head unit and display. 3. **ADAS Modules:** Connection points for cameras and radar sensors where space is at a premium. 4. **Industrial Controllers:** Used in PLCs (Programmable Logic Controllers) for high-density I/O. --- ### ## Identification Code Breakdown While codes vary by manufacturer (such as JAE, Hirose, or Molex equivalents), the breakdown usually follows this logic: | Segment | Meaning | | :--- | :--- | | **F2VF** | Series Identifier (Style/Form Factor) | | **0B** | Configuration/Keying (Pin count or mechanical orientation) | | **R** | Physical Orientation (Right Angle) or Packaging (Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the F2VF-0B-R variant?
    • ⤷ Which manufacturers are the primary producers of this connector series?
    • ⤷ Is this connector compatible with standard reflow soldering processes?