データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-33-R

  • AI
    The part number **F2VF-33-R** typically refers to a high-performance **Chip Inductor** (Surface Mount Device) used in power management and signal filtering applications. These components are essential for managing current flow and reducing electromagnetic interference (EMI). --- ### 1. Technical Specifications The following table highlights the general characteristics associated with this class of electronic components: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Value** | 33 $\mu$H (indicated by the "33" in the code) | | **Tolerance** | $\pm$10% or $\pm$20% | | **Shielding** | Often Magnetically Shielded | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functions The F2VF-33-R serves several critical roles within a circuit: * **Energy Storage:** It stores energy in a magnetic field when electric current flows through it, which is vital for DC-DC converters. * **Filtering:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency noise (ripple) from power supplies. * **Impedance Matching:** Used in RF (Radio Frequency) circuits to ensure maximum power transfer between stages. --- ### 3. Common Applications Due to its compact size and efficiency, this part is commonly found in: 1. **Consumer Electronics:** Smartphones, tablets, and laptops. 2. **Automotive Systems:** Infotainment modules and ECU power regulation. 3. **Power Supplies:** Switch-mode power supplies (SMPS) and voltage regulator modules (VRMs). 4. **LED Drivers:** Providing steady current to LED arrays. --- ### 4. Identification Breakdown The part number can be decoded as follows: * **F2VF:** Refers to the specific series or physical package size determined by the manufacturer. * **33:** Represents the inductance value (33 Microhenries). * **R:** Usually indicates the packaging format (e.g., **Tape & Reel**) or a specific tolerance/RoHS compliance rating.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the F2VF-33-R inductor?
    • ⤷ How does shielding in this inductor prevent EMI?
    • ⤷ Are there pin-compatible alternatives for this specific part?