データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-35-R

  • AI
    The **F2VF-35-R** is a specific model of a **Mini-Circuits** high-pass filter. These components are essential in RF (Radio Frequency) and microwave systems to prevent interference by suppressing low-frequency signals while allowing high-frequency signals to pass with minimal loss. --- ### 1. Technical Specifications The following table outlines the primary electronic characteristics of the F2VF-35-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Passband** | 3500 - 15000 MHz | The frequency range that passes through the part. | | **Stopband** | DC - 2400 MHz | The range where signals are significantly attenuated. | | **Insertion Loss** | 1.0 dB (Typical) | The amount of power lost within the passband. | | **Rejection** | 40 dB (Min) | The degree of suppression for signals below the cutoff. | | **Input Power** | 15W (Max) | The maximum RF power handling capability. | | **Impedance** | 50 $\Omega$ | Standard characteristic impedance for RF systems. | --- ### 2. Key Electronic Features * **LTCC Technology:** This part is constructed using **Low Temperature Co-fired Ceramic**. This allows for a multi-layered design that is extremely compact and thermally stable. * **High Rejection:** It offers sharp roll-off characteristics, meaning it transitions very quickly from blocking signals to allowing them through. * **Surface Mount Design:** It is designed for automated assembly on PCBs (Printed Circuit Boards), reducing manufacturing costs and improving reliability. * **Rugged Construction:** Being a ceramic-based component, it is highly resistant to moisture and environmental degradation. --- ### 3. Common Applications In an electronic system, the F2VF-35-R is typically used for: 1. **Harmonic Rejection:** Filtering out unwanted lower-order harmonics from mixers or power amplifiers. 2. **Transmitter Protection:** Preventing low-frequency noise from entering a high-frequency transmission line. 3. **Satellite Communications:** Used in C-band and Ku-band systems to isolate specific signal paths. --- ### 4. Typical Connection Diagram ```text [ Signal Source ] ----> [ Input (Pin 1) ] ----> [ F2VF-35-R ] ----> [ Output (Pin 3) ] ----> [ Load ] | [ Ground (Pin 2,4) ] ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of LTCC technology in RF components?
    • ⤷ How does 'Insertion Loss' affect the overall performance of an RF circuit?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?