データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-5W0-R

  • AI
    The **F2VF-5W0-R** is a specific electronic component within the category of **Resistors**. Specifically, it is a high-power, wirewound resistor often housed in a ceramic or "cement" casing. --- ### Technical Specifications Below is a breakdown of the typical technical attributes for this part number: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor (Wirewound) | | **Resistance Value** | 5.0 Ohms (Indicated by "5W0") | | **Power Rating** | 5 Watts | | **Tolerance** | Generally ±5% (Standard for this series) | | **Package Style** | Vertical Mount / Radial Lead (Cement Type) | | **Construction** | Ceramic outer case with Inorganic flameproof fill | --- ### Key Internal Parts and Construction 1. **Resistive Element**: A high-grade alloy wire (often Ni-Cr) wound around a non-alkaline ceramic core. The length and thickness of the wire determine the 5.0-ohm resistance. 2. **Encapsulation (Cement Case)**: The "F2VF" designation usually refers to a vertical-style ceramic box. This case is filled with a special cement-like fireproof material that protects the wire from moisture and helps dissipate heat. 3. **Lead Wires**: Solder-plated copper leads designed for Through-Hole Technology (THT) on a Printed Circuit Board (PCB). 4. **Terminations**: The internal connections between the resistive wire and the external leads are usually welded to ensure stability under high thermal stress. --- ### Common Applications Due to its 5-watt power rating and wirewound nature, this part is used where durability and heat dissipation are required: * **Power Supplies**: Used as a "bleeder" resistor to discharge capacitors or as a current limiter. * **Motor Controllers**: Handling small surges during start-up or braking. * **Audio Equipment**: Used in crossover networks for speakers. * **Industrial Electronics**: Functioning as a voltage dropper or load resistor. --- ### Identification Guide * **F2V**: Refers to the physical form factor (Vertical mount, specific lead spacing). * **5W**: Indicates the maximum power dissipation (5 Watts). * **0**: Part of the value code. * **R**: Indicates the unit is in Ohms (and often signifies the tolerance or RoHS compliance depending on the manufacturer).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for a 5W cement resistor?
    • ⤷ How does a vertical mount (F2V) differ from an axial mount resistor in terms of heat dissipation?
    • ⤷ Can I replace a 5W0 resistor with a 10W0 resistor of the same resistance?