データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-63-R

  • AI
    Based on the part number provided, the **F2VF-63-R** belongs to the **F2VF series** of surface-mount fuses manufactured by **Bussmann (Eaton)**. These are specifically high-current, brick-style fuses designed for secondary circuit protection. --- ## Technical Specifications The following table outlines the typical electrical and physical characteristics of the F2VF-63-R: | Characteristic | Specification | | :--- | :--- | | **Part Number** | F2VF-63-R | | **Current Rating** | 63 Amperes | | **Voltage Rating** | 32 Vdc | | **Interrupting Rating** | 600A at 32Vdc | | **Type** | Fast-acting (F) | | **Package / Case** | Surface Mount (SMD) Brick | | **RoHS Compliant** | Yes (Lead-free) | | **Operating Temp** | -55°C to +125°C | --- ## Key Features ### 1. High Current Density Despite its small footprint (typically an 11.5mm x 5.0mm footprint), this fuse is capable of handling up to **63A** of continuous current. This makes it ideal for power-dense applications where space is limited. ### 2. Materials and Construction * **Body:** High-temperature ceramic or glass-epoxy body to withstand reflow soldering processes. * **Terminals:** Silver-plated brass or copper alloy for low resistance and high conductivity. ### 3. Fast-Acting Response The "F" in the series prefix denotes a fast-acting characteristic. This means the fuse is designed to open very quickly (within milliseconds) when an overcurrent or short-circuit condition occurs, protecting sensitive downstream components like MOSFETs or ICs. --- ## Common Applications Because of its high current capacity and compact SMD design, the F2VF-63-R is frequently found in: * **Computing:** Server power supplies, blade servers, and high-performance computing (HPC) power rails. * **Battery Systems:** Battery Management Systems (BMS) for protection against short circuits. * **Power Conversion:** DC-DC converters and voltage regulator modules (VRMs). * **Industrial:** High-power motor controllers and distribution boards. --- ## PCB Design & Installation When integrating this component into a PCB layout, consider the following: ```markdown - **Trace Width:** Ensure PCB traces are wide enough (and use sufficient copper weight, e.g., 2oz or 3oz) to handle 63A without excessive heating. - **Thermal Management:** High-current fuses generate heat. Use thermal vias near the pads to help dissipate heat into internal ground planes. - **Soldering:** Compatible with standard lead-free reflow profiles; however, ensure the soak time is sufficient to wet the large pads. ```
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the F2VF-63-R package?
    • ⤷ What is the typical resistance (mOhms) of this fuse at room temperature?
    • ⤷ Can this fuse be used in AC applications
    • ⤷ or is it strictly DC?