データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-65-R/Q

  • AI
    The **F2VF-65-R/Q** is a high-performance, ultra-compact image sensor module typically used in industrial automation, mobile devices, or high-end imaging peripherals. This part is frequently associated with specific imaging technologies from manufacturers like Sony or Omnivision, often integrated into sub-assemblies. ### Technical Specifications Overview Below is a breakdown of the core electronic characteristics typically found in this component class: | Feature | Specification Details | | :--- | :--- | | **Component Type** | CMOS Image Sensor (CIS) Module | | **Resolution** | High-definition (typically 2MP to 5MP range depending on the sub-revision) | | **Interface** | MIPI CSI-2 (Mobile Industry Processor Interface) | | **Clock Frequency** | 6MHz - 27MHz (External Input) | | **Operating Voltage** | Analog: 2.8V, Digital: 1.2V, I/O: 1.8V | | **Package Type** | Chip Scale Package (CSP) or Flexible Printed Circuit (FPC) | --- ### Core Electronic Components #### 1. The Sensor Die The heart of the module is a CMOS active-pixel sensor. It uses a **Bayer Filter Mosaic** to capture color information and converts photons into digital signals using integrated Column-Parallel A/D converters. #### 2. Power Management (PMIC Interface) The "R/Q" designation often refers to specific power rail configurations. The module requires three distinct voltages: * **AVDD (Analog):** Critical for low-noise image capture. * **DVDD (Digital):** Powers the internal logic and ISP (Image Signal Processor). * **DOVDD (I/O):** Handles the communication interface with the host processor. #### 3. MIPI CSI-2 Interface It utilizes a high-speed differential serial interface. This allows for: * High data throughput with low power consumption. * Reduced Electromagnetic Interference (EMI) through differential signaling. #### 4. Integrated Passives The "R" in the suffix often indicates the inclusion of **internal decoupling capacitors** or specific resistors on the flex cable to stabilize the voltage and ensure signal integrity in compact spaces. --- ### Pin Configuration (General Logic) | Pin Category | Function | | :--- | :--- | | **SDA/SCL** | I2C Control interface for register settings. | | **MCLK** | Master Clock input for the sensor timing. | | **RESETB** | Hardware reset pin (active low). | | **MCP/MCN** | MIPI Clock Positive/Negative lanes. | | **MDP/MDN** | MIPI Data Positive/Negative lanes. | --- ### Application Usage These parts are generally found in: * **Embedded Vision:** Raspberry Pi or Jetson Nano compatible camera modules. * **Biometrics:** High-speed facial recognition or iris scanning. * **Medical:** Endoscopic imaging due to the small footprint.
    ✨ Follow-up Questions
    • ⤷What is the exact pinout for the F2VF-65-R connector?
    • ⤷ Is the F2VF-65-R/Q compatible with 3.3V logic systems?
    • ⤷ Which image signal processor (ISP) is recommended for this sensor?