データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-BC-R

  • AI
    ## F2VF-BC-R Electronic Component Overview The **F2VF-BC-R** is a specific electronic component typically identified as a **High-Frequency/Radio Frequency (RF) Connector** or a specialized **Coaxial Adapter**. It is widely used in automotive, telecommunications, and high-speed data transmission systems. --- ### 1. General Specifications The "F2VF" series often refers to FAKRA-compliant connectors (Fachkreis Automobil), which are a subset of SMB connectors modified for the automotive industry. | Feature | Description | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Adapter | | **Interface** | FAKRA (Straight or Right-Angle depending on variant) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 6 GHz | | **Coding Type** | "C" Coding (Blue) - Typically used for GPS/Telematics | | **Mounting** | PCB Mount or Cable Termination (depending on suffix) | --- ### 2. Key Electronic Characteristics #### A. Signal Integrity * **VSWR (Voltage Standing Wave Ratio):** Usually < 1.3 up to 2 GHz, ensuring minimal signal reflection. * **Insertion Loss:** Designed for low loss to maintain signal strength in long cable runs within vehicles. * **EMI Shielding:** Features a robust metallic shell to prevent electromagnetic interference from other vehicle electronics. #### B. Mechanical & Environmental * **Locking Mechanism:** Features a primary and secondary locking system to withstand high-vibration environments (automotive grade). * **Color Coding:** The **"BC"** or **"C"** designation usually indicates the **Blue** color coding, which prevents mismatches during assembly. * **Temperature Range:** Typically rated from -40°C to +105°C. --- ### 3. Common Applications Due to its high reliability and specific coding, the F2VF-BC-R is found in: 1. **GPS/Navigation Systems:** The "C" (Blue) coding is the global standard for GPS signals. 2. **Telematic Control Units (TCU):** Connecting external antennas to internal communication modules. 3. **Satellite Radio:** Used for SDARS (Satellite Digital Audio Radio Service) in some regions. 4. **Wireless Connectivity:** Integrated Bluetooth or Wi-Fi antenna connections. --- ### 4. Part Number Breakdown (Typical) * **F2VF:** The series identifier (FAKRA-style connector). * **BC:** Refers to "Blue" Coding / "C" Type interface. * **R:** Often denotes **RoHS Compliance** or **Right Angle** orientation (check specific datasheet for mechanical orientation).
    ✨ Follow-up Questions
    • ⤷ What is the difference between FAKRA Code C and Code A connectors?
    • ⤷ Can you provide the PCB footprint dimensions for the F2VF-BC-R?
    • ⤷ What are the typical soldering requirements for this component?