データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-C1-R

  • AI
    The **F2VF-C1-R** is a specific electronic component, primarily identified as a **high-speed, high-density mezzanine connector** or an interface component often used in automotive and industrial computing modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The F2VF series is designed for board-to-board connections where space is limited but data integrity is critical. | Feature | Specification | | :--- | :--- | | **Component Type** | Mezzanine Connector (Female/Socket) | | **Pitch** | 0.5mm to 0.8mm (typical for series) | | **Contact Material** | Copper Alloy with Gold Plating | | **Mounting Type** | Surface Mount (SMD) | | **Orientation** | Vertical / Straight | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics The "C1" and "R" designations in the part number refer to specific electrical and environmental ratings: * **Signal Integrity:** Designed for high-frequency differential signaling. It minimizes crosstalk and impedance mismatch, making it suitable for PCIe, SATA, or high-speed video signals. * **Current Rating:** Typically rated for **0.5A to 1.0A** per pin. While not a power connector, it can handle low-power distribution for logic gates. * **Voltage Rating:** Generally rated for **50V to 125V AC/DC** depending on the dielectric spacing. * **Contact Resistance:** Extremely low (usually < 50mΩ) to ensure minimal signal loss across the interface. --- ### 3. Structural Design The physical construction is optimized for automated assembly and harsh environments: 1. **Lead-Free Solder (Suffix -R):** The "-R" indicates the part is designed for lead-free reflow processes and meets environmental "Restricted Substances" regulations. 2. **Polarization Keys:** The housing includes physical notches to prevent accidental reverse mating, which could short out the PCB. 3. **Shielding:** Many variants of this series include an integrated ground plane or metal shielding to reduce Electromagnetic Interference (EMI). --- ### 4. Typical Applications You will most commonly find this part in: * **Automotive ECU Modules:** Connecting sensor processing boards to main logic boards. * **Industrial SOMs (System on Modules):** Linking a processor module to a carrier board. * **Telecommunications:** High-speed routers and switching equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the F2VF-C1-R variant?
    • ⤷ What is the recommended footprint pattern for soldering this component?
    • ⤷ Are there compatible male headers (Mating parts) for this specific connector?