データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-C5-R

  • AI
    The **F2VF-C5-R** is a specific electronic component, primarily identified as an automotive-grade **Mini-ISO Relay**. These relays are manufactured by several Tier-1 automotive suppliers (such as TE Connectivity, Omron, or Song Chuan) often for Ford Motor Company vehicles, indicated by the standard "F2VF" part prefix. ### 1. Technical Specifications The following table outlines the general electrical characteristics typically associated with this relay series: | Characteristic | Specification | | :--- | :--- | | **Type** | Mini-ISO Automotive Relay | | **Voltage (Nominal)** | 12V DC | | **Current Rating** | 20A to 40A (Application dependent) | | **Contact Arrangement** | SPDT (1 Form C) or SPST (1 Form A) | | **Terminal Type** | Plug-in / Quick Connect | | **Resistor/Diode** | Often includes an internal suppression resistor (indicated by -R) | --- ### 2. Key Internal Components The "Electronic Parts" within the housing consist of the following mechanical and electrical assemblies: #### A. The Electromagnetic Coil When current flows through the coil, it creates a magnetic field. In the F2VF series, this is usually wound with high-temperature copper wire to withstand engine bay heat. #### B. Suppression Resistor (-R suffix) The **"-R"** at the end of the part number is critical. It indicates that a **Resistor** is wired in parallel with the coil. * **Purpose:** When the relay is turned off, the collapsing magnetic field creates a voltage spike (back-EMF). * **Function:** The resistor absorbs this energy to protect sensitive Engine Control Unit (ECU) transistors from being fried. #### C. Contacts * **Moving Armature:** The physical lever moved by the magnet. * **Contact Material:** Usually Silver Tin Oxide ($AgSnO_2$), chosen for its resistance to "welding" or arcing during high-current switching. --- ### 3. Common Applications In automotive wiring diagrams, this relay is frequently used for high-draw accessories: * Fuel Pump activation. * Horn circuits. * AC Compressor clutches. * ABS Modules. --- ### 4. Pinout Configuration (Standard ISO) Most F2VF series relays follow the standard 5-pin layout: * **85 & 86:** Coil Trigger (Low current). * **30:** Common / Battery Feed (High current). * **87:** Normally Open (Output when relay is ON). * **87a:** Normally Closed (Output when relay is OFF - if 5-pin).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a resistor-suppressed and a diode-suppressed relay?
    • ⤷ How can I test if the F2VF-C5-R relay is functioning correctly using a multimeter?
    • ⤷ Can this relay be substituted with a standard 12V 40A generic automotive relay?