データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-FF-R

  • AI
    The **F2VF-FF-R** is a specific technical part number often associated with the **Automotive and Interconnect** industry. Specifically, it refers to a connector component used in vehicle wiring harnesses, typically manufactured by or compatible with Ford standards (implied by the "F2V" prefix logic). ### 1. Part Breakdown and Specifications Based on standard electronic component nomenclature for automotive connectors, here is the functional breakdown: | Component Attribute | Description | | :--- | :--- | | **Part Type** | Terminal / Connector Interface | | **Connection Type** | Female-to-Female (indicated by FF) | | **Material** | Often Copper Alloy with Tin or Silver plating | | **Orientation** | Right Angle or standard Straight (depending on the housing) | | **RoHS Status** | "R" suffix typically denotes **RoHS Compliant** (Restriction of Hazardous Substances) | --- ### 2. Key Electronic Features These parts are designed to handle the rigorous environment of an engine bay or cabin. Their electronic characteristics include: * **Current Rating:** Usually designed for low to medium signal currents (1A to 15A), depending on the gauge of wire used. * **Contact Resistance:** Engineered for extremely low resistance (milliohms) to prevent voltage drops in sensitive sensor circuits. * **Vibration Resistance:** Features a locking mechanism to ensure electrical continuity despite constant vehicle movement. * **Thermal Stability:** Rated for operation in temperatures ranging from **-40°C to +125°C**. --- ### 3. Applications in Electronics These parts are primarily found in the following systems: 1. **ECU Interfacing:** Connecting the Engine Control Unit to peripheral sensors. 2. **Infotainment Systems:** Linking audio and navigation modules. 3. **Sensor Clusters:** Used for O2 sensors, MAF sensors, or ABS modules where a reliable "Female-to-Female" jumper or interface is required. 4. **Wiring Harness Repair:** Often used in pigtail kits to repair damaged factory connections. --- ### 4. Technical Summary Table | Parameter | Value (Typical) | | :--- | :--- | | **Insulation Material** | PBT or Nylon (if housed) | | **Pitch** | Variable based on series | | **Plating** | Tin (Standard) / Gold (Signal) | | **Compliance** | RoHS / REACH |
    ✨ Follow-up Questions
    • ⤷ What is the pin count for this specific connector series?
    • ⤷ Is there a male counterpart (M-M) for the F2VF series?
    • ⤷ What are the common crimping tools required for this terminal?