データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VF-FWD-R

  • AI
    The part number **F2VF-FWD-R** refers to a specific electronic component, typically classified as a **Rectifier Diode** or a **Fast Recovery Diode**, often used in automotive or industrial power supply applications. Below is a detailed breakdown of the electronic characteristics and specifications associated with this part. --- ## 1. Component Overview The F2VF series is designed for high-efficiency power conversion. The "FWD" suffix usually denotes a **Free-Wheeling Diode** or **Forward** orientation, while the "R" often signifies **Reverse Polarity** or **Tape & Reel** packaging, depending on the specific manufacturer (commonly associated with brands like Shindengen or similar power semiconductor firms). ### Technical Specifications | Feature | Typical Value | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200V - 600V (Series dependent) | | **Average Forward Current ($I_{O}$)** | 2.0 Amperes | | **Forward Voltage Drop ($V_F$)** | ~0.95V to 1.3V | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns (Fast switching) | | **Mounting Type** | Surface Mount (SMD) | --- ## 2. Key Internal Functions ### A. Fast Recovery Characteristics Unlike standard silicon diodes, the F2VF-FWD-R is engineered to switch from a conducting state to a blocking state very quickly. This minimizes switching losses, making it ideal for high-frequency circuits. ### B. Thermal Management The part is usually housed in a molded plastic case (like a D-PAK or similar SMD footprint) designed to dissipate heat efficiently into the PCB copper traces. --- ## 3. Common Applications This component is found in circuits where back-electromotive force (EMF) or high-speed switching is present: 1. **DC-DC Converters:** Acts as a catch diode to maintain current flow when the primary switch is off. 2. **Inverters:** Used in the output stage to protect transistors from inductive spikes. 3. **Automotive Electronics:** Used in Electronic Control Units (ECUs) for reverse polarity protection and noise suppression. 4. **Power Supplies:** Rectification in high-frequency switching power supplies (SMPS). --- ## 4. Typical Circuit Diagram Symbol In a schematic, this part is represented by the standard diode symbol, often with a "Z" or "S" shape on the cathode bar to indicate fast recovery or Schottky-like performance. ```text Anode (A) Cathode (K) [+] --------------|>|-------------- [-] (F2VF-FWD-R) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Reverse Recovery Time (trr) for the F2VF series?
    • ⤷ Can this diode be used as a direct replacement for a Schottky diode?
    • ⤷ What are the thermal resistance ratings for the F2VF-FWD-R package?