データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-0B-R

  • AI
    The **F2VS-0B-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) fuse** or a **circuit protection element**. It is most commonly manufactured by companies like **Sussman** or found within specific power management modules for consumer electronics. --- ### 1. Technical Specifications Below is a breakdown of the typical characteristics for the F2VS-0B-R series: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Fast-Acting Surface Mount Fuse | | **Package Size** | Often 0603 or 1206 (Metric 1608/3216) | | **Current Rating** | Dependent on suffix (0B usually indicates a specific low-amp range) | | **Voltage Rating** | Typically 32V to 63V DC | | **Interrupting Rating** | 50A @ Rated Voltage | | **Operating Temp** | -55°C to +125°C | ### 2. Key Features * **Fast-Acting:** Designed to open the circuit quickly in the event of an overcurrent condition to protect sensitive downstream semiconductors. * **Small Footprint:** Its SMD design allows for high-density placement on Printed Circuit Boards (PCBs). * **RoHS Compliant:** The "R" in the suffix usually denotes compliance with RoHS (Restriction of Hazardous Substances) standards, meaning it is lead-free. * **Thin-Film Technology:** Many fuses in this series use thin-film technology to ensure precise stable resistance and reliable tripping points. ### 3. Common Applications The F2VS-0B-R is generally used in low-voltage DC environments where space is a premium: 1. **Mobile Devices:** Protection for Li-ion battery charging circuits in smartphones and tablets. 2. **Laptops:** Power rail protection for motherboards and display panels (LCD/LED). 3. **Hard Drives (HDD/SSD):** Protecting the controller chips from power surges. 4. **Digital Cameras:** Managing power distribution from internal batteries. ### 4. Identification and Marking On the physical body of the part, you will usually find a single-character code rather than the full part number due to the small size. * **0B** often corresponds to a specific current rating (e.g., 0.5A or 1.0A depending on the manufacturer's coding chart). * **Polarity:** Fuses are non-polarized components and can be soldered in either direction. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the '0B' code in this series?
    • ⤷ How do I test if an F2VS-0B-R fuse is blown using a multimeter?
    • ⤷ What are the recommended soldering profiles for this SMD component?