データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-15W-R

  • AI
    The **F2VS-15W-R** is an industrial-grade, ultra-thin high-voltage power supply module typically manufactured by companies like **Pico Electronics** or specialized power solution providers. It belongs to a class of DC-DC converters designed for precision and reliability in space-constrained applications. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the F2VS-15W-R: | Parameter | Value / Description | | :--- | :--- | | **Input Voltage Range** | 24V DC (Standard nominal, range varies by model) | | **Output Voltage** | 15,000V DC (15kV) | | **Power Rating** | 15 Watts | | **Polarity** | Reversible (indicated by the "-R" suffix) | | **Regulation** | High precision line and load regulation | | **Package Type** | Low profile, encapsulated/potted module | --- ### 2. Core Electronic Components & Architecture The module functions as a high-frequency DC-DC converter. Internally, it consists of several critical stages: #### A. Input Filtering & Protection * **EMI Filters:** Used to prevent switching noise from feeding back into the 24V power rail. * **Protection Circuitry:** Includes reverse polarity protection and over-current sensing to prevent damage during startup or fault conditions. #### B. High-Frequency Inverter * **MOSFET Switches:** Utilize Pulse Width Modulation (PWM) to convert the DC input into high-frequency AC. High frequency allows for the use of much smaller magnetic components (transformers). #### C. High Voltage Step-Up Transformer * This is a custom-wound ferrite core transformer designed with high-dielectric insulation to handle the massive voltage potential without internal arcing. #### D. Voltage Multiplier (Cockcroft-Walton Circuit) * **Diodes & Capacitors:** Since a transformer cannot easily jump to 15kV in one stage, a "multiplier ladder" is used. It rectifies and stacks the voltage to reach the final 15,000V output. #### E. Reversibility Mechanism ("-R" Suffix) * The **-R** designation indicates that the output polarity can be reversed (switched between positive and negative output) via a control signal, making it versatile for scientific instruments. --- ### 3. Common Applications Due to its high voltage and low profile, this part is used in: * **Photomultiplier Tubes (PMT):** Requiring stable, low-noise high voltage. * **Electrostatic Chucks:** Used in semiconductor manufacturing. * **Mass Spectrometry:** Providing the acceleration voltage for ions. * **X-Ray Equipment:** Small-scale portable imaging or analytical tools. --- ### 4. Safety & Installation Notes 1. **Isolation:** The unit is "potted" (filled with an epoxy resin) to prevent corona discharge and moisture ingress. 2. **Heat Dissipation:** While efficient, 15W at high voltage can generate heat; it should be mounted to a heat-sink or metal chassis. 3. **High Voltage Safety:** 15,000V is lethal. Proper creepage and clearance distances must be maintained on the PCB where the output lead is connected.
    ✨ Follow-up Questions
    • ⤷What is the typical ripple and noise specification for the F2VS series?
    • ⤷ Can the output voltage be adjusted or programmed remotely?
    • ⤷ What are the recommended mounting procedures to prevent arcing at 15kV?