データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-16-R

  • AI
    The **F2VS-16-R** is a specific electronic component typically categorized as a **Terminal Block Connector** or **Interface Module**, often associated with industrial automation systems (such as those from Mitsubishi or Fuji Electric). It is designed to bridge high-density PLC (Programmable Logic Controller) I/O points to standard screw terminal wiring. --- ### 1. General Specifications Below are the typical technical characteristics found in the F2VS-16-R series: | Feature | Specification | | :--- | :--- | | **Type** | Interface Terminal Block | | **Number of Points** | 16 Channels (Inputs or Outputs) | | **Mounting Type** | DIN Rail Mounting | | **Connection Method** | Screw Terminals (Field side) / Ribbon Cable (PLC side) | | **Rated Voltage** | 24V DC (typical) | | **Rated Current** | 0.5A - 1A per point (depending on specific model variant) | --- ### 2. Key Electronic Components Inside an F2VS-16-R module, you will find the following core electronic elements: #### A. Input/Output Connector (Header) The "front-end" usually features a multi-pin header (often a 20-pin MIL connector). This allows a single cable to connect 16 digital signals and power/ground directly to a PLC. #### B. Terminal Blocks The "field-end" consists of 16 individual screw terminals. These are used to connect physical sensors (limit switches, proximity sensors) or actuators (solenoids, relays). #### C. LED Status Indicators Most "R" (Relay or Remote) variants include **SMD LEDs**. * **Function:** Visual diagnostic feedback. * **Behavior:** The LED lights up when a specific channel (1-16) is energized, allowing technicians to troubleshoot wiring faults quickly. #### D. Protection Circuitry To protect the sensitive PLC electronics from field interference, the module often contains: * **Flyback Diodes:** To suppress inductive kicks from solenoid valves or relays. * **Zener Diodes:** For overvoltage protection. * **Isolation:** Depending on the specific sub-model, it may offer optoisolation to prevent ground loops. --- ### 3. Wiring Logic The F2VS-16-R generally follows a standard 1:1 mapping: ```text PLC Pin 1 -----> Terminal 1 (Signal 0) PLC Pin 2 -----> Terminal 2 (Signal 1) ... PLC Pin 20 -----> Common/VCC (Power) ``` ### 4. Typical Applications * **PLC Expansion:** Connecting a high-density 32-point PLC card to 16-point screw-terminal blocks. * **Cabinet Wiring:** Reducing the "rat's nest" of wires by using pre-made ribbon cables. * **Maintenance:** Allowing for easy replacement of field wiring without disturbing the PLC hardware. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the 20-pin connector on the F2VS-16-R?
    • ⤷ Does this model support NPN or PNP logic configurations?
    • ⤷ What is the maximum wire gauge supported by the screw terminals?