データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-23-R

  • AI
    The **F2VS-23-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision electronic filter component, often used in automotive and industrial power management circuits. --- ### 1. Technical Specifications The following table highlights the core electrical characteristics generally associated with this part series: | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | Dependent on specific tolerance (often 2.3µH - 23µH range) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | ±20% (Standard for Power Inductors) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Shielding** | Magnetically Shielded | --- ### 2. Internal Construction The F2VS-23-R is designed for high-efficiency power conversion. Key structural features include: * **Core Material:** Ferrite core construction to minimize core losses at high frequencies. * **Winding:** Copper wire winding optimized for low **DCR** (DC Resistance) to prevent overheating. * **Shielding:** A magnetic shield prevents electromagnetic interference (EMI) from affecting neighboring components on the PCB. --- ### 3. Application Areas This component is commonly found in circuits requiring stable power delivery and noise suppression: 1. **DC-DC Converters:** Used as an energy storage element in buck or boost regulators. 2. **Automotive Electronics:** Powering Infotainment systems or Advanced Driver Assistance Systems (ADAS). 3. **LED Drivers:** Smoothing current for high-brightness lighting applications. 4. **Consumer Electronics:** Power stages in laptops, servers, and high-end peripherals. --- ### 4. Circuit Representation In a standard schematic, the part is represented as an inductor. Below is a conceptual example of how it might be integrated into a switching regulator circuit: ```python # Conceptual PCB Layout placement for F2VS-23-R # [VIN] ---- [Switching IC] ---- [F2VS-23-R] ---- [VOUT] # | # [Capacitor] # | # [GND] ``` --- ### 5. Identification Guide * **"F2VS":** Refers to the series type (High current, shielded). * **"23":** Usually represents the inductance value or a specific size code. * **"R":** Often signifies "RoHS Compliant" or "Tape & Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the F2VS-23-R?
    • ⤷ Can this part be used in high-vibration automotive environments?
    • ⤷ What are the recommended equivalent alternatives for this inductor?