データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-C0-R

  • AI
    ## Overview of the F2VS-C0-R The **F2VS-C0-R** is a specific electronic component, typically categorized as a **Compact Vision Sensor** or a specialized **Sensor Controller** (often associated with industrial automation brands like Omron). These devices are designed to perform high-speed inspections, part identification, and quality control on manufacturing lines. --- ### 1. Core Electronic Specifications Below is a breakdown of the primary electrical and technical characteristics: | Feature | Specification | | :--- | :--- | | **Power Supply Voltage** | 24 VDC (typically range 20.4 to 26.4 VDC) | | **Current Consumption** | Approx. 0.5A to 1.0A (depending on peripheral load) | | **Output Type** | NPN/PNP (Switchable or model-specific) | | **I/O Points** | Integrated Digital Inputs (Trigger/Command) and Outputs (OK/NG/Busy) | | **Communication Ports** | RS-232C and/or Ethernet (depending on specific revision) | | **Processing Speed** | High-speed dedicated DSP or FPGA for image processing | --- ### 2. Key Internal Components The F2VS-C0-R functions through several critical electronic subsystems: #### A. Image Processing Unit At the heart of the device is a **Digital Signal Processor (DSP)** or an **ASIC**. This component processes the raw pixel data from the connected camera head in real-time, applying algorithms for edge detection, pattern matching, or OCR (Optical Character Recognition). #### B. Memory Architecture * **Flash Memory:** Stores the operating system (firmware) and the user-defined inspection "scenes" or configurations. * **RAM:** Used for high-speed buffering of captured images during the inspection cycle. #### C. Interface Circuitry * **Opto-Isolators:** The digital inputs and outputs are typically optically isolated to protect the internal logic from high-voltage spikes or noise from the PLC (Programmable Logic Controller). * **Driver Circuits:** Dedicated transistors handle the switching of the output signals (Pass/Fail) to external relays or controllers. --- ### 3. Connection and Wiring The electronic interface usually consists of the following terminal groups: 1. **Power Terminals:** +24V and 0V. 2. **Trigger Input:** Receives a signal from a photoeye or PLC to initiate an image capture. 3. **Control Outputs:** * **RUN:** Indicates the sensor is in measurement mode. * **BUSY:** Indicates an inspection is currently in progress. * **OR (Overall Result):** The final OK/NG (No Good) signal. --- ### 4. Environmental Protection The electronic housing is designed for industrial environments, usually featuring: * **IP Protection:** Often IP20 (intended for control panel mounting). * **Heat Dissipation:** Passive cooling through a metal or high-grade polymer chassis to manage heat generated by the processor. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific camera heads compatible with the F2VS-C0-R?
    • ⤷ How do I configure the NPN/PNP output settings for this controller?
    • ⤷ What is the maximum trigger frequency for high-speed inspection?