データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-E2-R

  • AI
    The **F2VS-E2-R** is a specific electronic component, typically categorized as a **Vibration Sensor** or **Seismic Sensor**, often used in industrial automation and safety systems (frequently associated with brands like Omron or specialized safety equipment manufacturers). --- ### 1. Key Technical Specifications The device is designed to detect seismic activity or mechanical vibrations and provide a switching output to shut down machinery or trigger alarms. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V to 24V DC | | **Output Type** | Relay Contact (indicated by the "-R" suffix) | | **Detection Principle** | Acceleration-based (Mechanical or MEMS) | | **Mounting** | DIN Rail or Surface Mount | | **Reset Method** | Manual or Automatic (depending on configuration) | --- ### 2. Electronic Component Breakdown The internal architecture of the F2VS-E2-R generally consists of four primary stages: #### A. Sensing Element The core is an **accelerometer**. In older models, this was a mechanical weighted ball/pendulum; in modern versions, it is a **MEMS (Micro-Electro-Mechanical System)** chip. It measures the G-force (acceleration) of the environment. #### B. Signal Processing Circuit The raw signal from the sensor passes through a low-pass filter. This is crucial because it allows the device to distinguish between: * **High-frequency noise:** Background machinery vibration (ignored). * **Low-frequency shock:** Actual seismic events or structural failure (detected). #### C. Comparator / Logic Controller The processed signal is compared against a pre-set threshold. If the acceleration exceeds the threshold (e.g., 100–170 gal for earthquake detection), the logic circuit triggers the output. #### D. Relay Output (The "-R" Part) The "R" in the model name indicates a **Relay Output**. * **Mechanism:** An electromagnetic coil that moves physical contacts. * **Benefit:** Provides electrical isolation between the sensor logic and the high-power machinery it is controlling. * **Configuration:** Usually SPDT (Single Pole Double Throw) or a simple NC/NO contact. --- ### 3. Connection and Wiring The device typically utilizes a multi-terminal block for integration. ```yaml Terminal | Function | Description ---------|------------------|------------------------------------ VCC | Power (+) | 12-24V DC Input GND | Power (-) | 0V Reference COM | Relay Common | The input for the switched circuit N.O. | Normally Open | Closes upon vibration detection N.C. | Normally Closed | Opens upon vibration detection (Fail-safe) ``` --- ### 4. Common Applications * **Gas Shut-off Valves:** Automatically closing gas lines during an earthquake. * **Elevator Safety:** Stopping lift cars during seismic events. * **Industrial Robotics:** Emergency stop if a heavy machine experiences violent impact or instability.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the sensitivity threshold on this sensor?
    • ⤷ What is the difference between the Relay (-R) and NPN/PNP output versions?
    • ⤷ What are the specific 'gal' (acceleration) ratings for this model?