データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-K2-R

  • AI
    ### Analysis of the F2VS-K2-R Component The **F2VS-K2-R** is a specific electronic component typically associated with **pressure sensing and control systems**, often manufactured by companies like **SMC Corporation** or specialized automation suppliers. It is primarily used in vacuum/pressure switch configurations. --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics of the F2VS series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Electronic Pressure/Vacuum Switch | | **Input Voltage** | 12 to 24 VDC | | **Current Consumption** | $\le$ 30 mA | | **Output Type** | NPN Open Collector (Standard for -R suffix) | | **Max Load Current** | 80 mA | | **Max Applied Voltage** | 30 VDC | | **Pressure Range** | Varies by sub-model (typically 0 to -101 kPa for vacuum) | --- ### 2. Key Electronic Features #### A. Digital Display & Control The unit features a built-in LED or LCD display that provides real-time pressure readings. It allows for the setting of threshold values (set points) which trigger the electronic output. #### B. NPN Output (Suffix -R) The **-R** in the part number often denotes the output logic or a specific wiring configuration: * **NPN Logic:** The switch acts as a "sink," connecting the load to the ground (0V) when the set pressure is reached. * **Response Time:** These units feature high-speed electronic switching, typically under **5ms**, making them much faster than mechanical switches. #### C. Hysteresis Adjustment Electronic parts in this series allow users to adjust the **Hysteresis**. This prevents the output from "chattering" (rapidly turning on and off) when the pressure fluctuates slightly around the set point. --- ### 3. Pinout and Wiring (General) The device typically uses a 3-wire or 4-wire interface: 1. **Brown:** Power (+) 12-24V DC. 2. **Blue:** Power (-) 0V / Common. 3. **Black:** Control Output (NPN). 4. **White (if present):** Analog output (1-5V) or secondary switch. --- ### 4. Application Areas * **Pick and Place Robots:** Monitoring vacuum suction to ensure a part is held securely. * **Leak Testing:** Detecting minute drops in pressure within a sealed system. * **Pneumatic Control:** Ensuring line pressure remains within a safe operating window for machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in these sensors?
    • ⤷ Can this sensor provide an analog 4-20mA output instead of digital?
    • ⤷ What is the specific pressure range for the K2 variant?