データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-KB-R

  • AI
    The **F2VS-KB-R** is a specific model within the **F2VS Series** of high-performance Vision Sensors produced by **Omron**. This device is primarily used in industrial automation for high-speed inspection, pattern matching, and quality control. ### 1. Key Technical Specifications The "KB" designation typically refers to the controller unit with specific integrated lighting or connectivity features. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Monochrome / Color CMOS (Depending on head) | | **Processor** | High-speed RISC/DSP Architecture | | **Interface** | RS-232C, Ethernet (Optional), I/O Terminals | | **Power Supply** | 24 VDC (+10%, -15%) | | **Current Consumption** | Approx. 0.5A to 1.2A (Model dependent) | | **Storage** | Internal Flash for Scene Data / External SD Card support | --- ### 2. Main Electronic Components & Subsystems #### A. The Processing Core The heart of the F2VS-KB-R is a dedicated Image Processing Unit. Unlike a standard PC, this uses **ASICs (Application-Specific Integrated Circuits)** to process pixel data in real-time. This allows the unit to perform complex tasks like "Edge Detection" or "Feature Extraction" in milliseconds. #### B. I/O (Input/Output) Circuitry This part handles the communication with the rest of the factory floor: * **Trigger Input:** Photo-isolated inputs that tell the camera exactly when to take a picture. * **Output Transistors:** NPN or PNP outputs used to signal "Pass" or "Fail" to a PLC (Programmable Logic Controller) or a reject arm. #### C. Power Regulation The internal PCB contains DC-DC converters that step down the industrial **24V input** to stable low voltages (typically 3.3V, 1.8V, or 1.2V) required by the sensitive digital logic and the imaging sensor. #### D. Connection Ports * **Camera Port:** A high-bandwidth circular connector for the camera head. * **Console Port:** Connection for the handheld programmer (F2VS-KP). * **Monitor Output:** Analog (NTSC/PAL) or Digital output for real-time visual monitoring. --- ### 3. Functional Block Diagram Conceptually, the electronics are organized as follows: 1. **Image Acquisition:** Converts photons to digital signals. 2. **Pre-processing:** Filters noise and adjusts contrast. 3. **Pattern Matching:** Compares the live image against a stored "Golden Template." 4. **Decision Logic:** Determines if the part meets specifications. 5. **Output Driver:** Sends the physical electrical signal to the production line. --- ### 4. Common Maintenance Parts * **Internal Backup Battery/Capacitor:** Maintains system settings during power loss. * **Terminal Blocks:** Screw-type or push-in connectors for field wiring. * **Protection Fuses:** Internal resettable (PTC) or glass fuses to prevent damage from overcurrent.
    ✨ Follow-up Questions
    • ⤷ What are the compatible camera heads for the F2VS-KB-R controller?
    • ⤷ How do I wire the NPN/PNP outputs to a PLC?
    • ⤷ Can this model be upgraded to support Ethernet/IP communication?