データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F2VS-KF-R

  • AI
    The **F2VS-KF-R** is a specific model within the **F2VS Series** of digital flow sensors (flow switches) manufactured by **CKD Corporation**. These sensors are primarily designed for monitoring the flow rate of clean air and nitrogen (N2) in industrial automation and semiconductor manufacturing. --- ### 1. Key Technical Specifications The "KF-R" suffix typically denotes specific port sizes and output configurations. Below are the general electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Fluid Type** | Air / Nitrogen (N2) | | **Flow Range** | Typically 0.5 to 10 L/min or 5 to 50 L/min (model dependent) | | **Power Supply** | 12 to 24 VDC | | **Output Type** | Dual Discrete Outputs (NPN or PNP) + Analog Output (1-5V or 4-20mA) | | **Response Time** | $\leq$ 50ms | | **Display** | 2-color digital LCD (Current flow and Set point) | | **Connection Port** | Push-in fitting or Threaded (typically R1/8 or M5) | --- ### 2. Electronic Component Breakdown The internal architecture of the F2VS-KF-R focuses on precision measurement and signal processing: #### A. Thermal Mass Flow Sensor Instead of a mechanical turbine, it uses a **MEMS (Micro-Electro-Mechanical Systems)** chip. It measures the cooling effect of the gas as it passes over a heated element. This allows for: * High sensitivity at low flow rates. * No moving parts, reducing mechanical wear. #### B. Control Circuitry The device houses a microprocessor that performs the following functions: * **Linearization:** Converts the raw non-linear thermal signal into a linear flow reading. * **Temperature Compensation:** Corrects data based on ambient temperature to ensure accuracy. * **Switching Logic:** Manages the transistor outputs based on user-defined hysteresis or window comparators. #### C. Interface & Wiring The "R" in the model code often refers to the connector or lead wire style. Standard wiring includes: * **Brown:** +V (12-24V DC) * **Blue:** 0V (GND) * **Black:** Control Output 1 * **White:** Control Output 2 or Analog Output --- ### 3. Core Features for Applications * **Dual Color Display:** The screen changes from Green to Red (or vice versa) when a threshold is triggered, allowing for instant visual status checks on the factory floor. * **Accumulated Flow:** It can track the total volume of gas consumed, which is useful for energy management and leak detection. * **Copy Function:** If you have multiple units, the settings from one master unit can be copied to others to reduce setup time. --- ### 4. Typical Usage Scenarios 1. **Suction Verification:** Confirming a vacuum component has successfully picked up a part. 2. **Nitrogen Purging:** Ensuring a consistent flow of N2 in an oxygen-sensitive environment. 3. **Leak Testing:** Detecting minute drops in pressure/flow within a sealed system.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP output versions for this sensor?
    • ⤷ How do you calibrate the zero-point on the F2VS series?
    • ⤷ Can this sensor be used with fluids other than Air or Nitrogen?