データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F412R

  • AI
    The **STM32F412R** belongs to the high-performance STM32F4 series of microcontrollers based on the ARM® Cortex®-M4 core. It is often found in the **NUCLEO-F412ZG** development boards or as standalone chips in medical, industrial, and consumer electronics. --- ## 1. Core Architecture The brain of the F412R is designed for high-speed processing and efficiency. | Feature | Specification | | :--- | :--- | | **Core** | ARM® 32-bit Cortex®-M4 CPU with FPU | | **Max Frequency** | 100 MHz | | **Performance** | 125 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1) | | **DSP Instructions** | Supported (Digital Signal Processing) | --- ## 2. Memory and Storage The F412R series offers balanced memory density for complex applications. * **Flash Memory:** Up to **1 MB** (for code storage). * **SRAM:** **256 KB** (for data and stack management). * **Adaptive Real-Time Accelerator (ART):** Allows 0-wait state execution from Flash memory at full CPU frequency. * **Flexible Static Memory Controller (FSMC):** Interface for external memory like LCDs, SRAM, or PSRAM. --- ## 3. Key Electronic Peripherals The "R" in F412R typically refers to the **64-pin count** version. Here are the integrated electronic components: ### Communication Interfaces * **4x USARTs:** Up to 12.5 Mbit/s. * **5x SPIs:** Up to 50 Mbit/s. * **4x I2C:** Supports Fast Mode Plus (up to 1 MHz). * **2x CAN:** (2.0B Active) for industrial/automotive networking. * **USB 2.0:** Full-speed device/host/OTG controller with on-chip PHY. * **SDIO:** Secure Digital Input Output interface. ### Analog Components * **ADC:** 1× 12-bit, 2.4 MSPS Analog-to-Digital Converter (up to 16 channels). * **Temperature Sensor:** Integrated internally. ### Timers * **Advanced-control timer:** 1x 16-bit for motor control (PWM). * **General-purpose timers:** Up to 10 (including 32-bit timers). * **Low-power timer:** 1x for wake-up from stop mode. --- ## 4. Power Management The F412R is designed for efficiency, supporting various low-power states. ```c // Example: Basic Power Configuration Concept HAL_PWR_EnterSLEEPMode(PWR_MAINREGULATOR_ON, PWR_SLEEPENTRY_WFI); ``` * **Operating Voltage:** 1.7 V to 3.6 V. * **Power Modes:** Sleep, Stop, and Standby. * **Batch Acquisition Mode (BAM):** Allows data exchange via peripherals while the CPU is in sleep mode, saving significant energy. --- ## 5. Pinout and Physical Characteristics For the **STM32F412RE** (LQFP64 package): * **I/O Ports:** Up to 50 fast I/Os, most 5V-tolerant. * **Package:** LQFP64 (10x10 mm). * **Temperature Range:** -40°C to 85°C / 105°C / 125°C options.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the F412R and the F411 series?
    • ⤷ How do I interface an external LCD using the FSMC on the F412R?
    • ⤷ Can the STM32F412R be powered by a 1.8V battery system?