データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F412R-05LB

  • AI
    The **F412R-05LB** is a specific model of a small, high-performance DC brushless cooling fan, commonly manufactured by companies like **Copal Electronics** (now Nidec Components). These fans are designed for compact electronic devices where thermal management is critical. --- ## 1. Technical Specifications The model number identifies the frame size, voltage, and speed characteristics. | Feature | Specification | | :--- | :--- | | **Frame Size** | 40mm x 40mm x 12mm | | **Rated Voltage** | 5V DC | | **Operating Voltage Range** | 4.5V to 5.5V | | **Rated Current** | ~0.08A - 0.12A (Varies by sub-revision) | | **Bearing Type** | Sleeve Bearing or Hydrodynamic (Long-life version) | | **Speed Category** | Low-Medium (Indicated by "L") | | **Termination** | 2-wire or 3-wire (Leads) | --- ## 2. Core Electronic Components Internally, the F412R-05LB consists of several key electronic subsystems that allow it to function as a brushless motor. ### A. Permanent Magnet Rotor The "blades" are attached to a circular permanent magnet. Unlike brushed motors, the magnet moves while the coils remain stationary. ### B. Stator Coils (Electromagnets) Inside the hub, there are copper windings. When current passes through these, they create a magnetic field that interacts with the rotor magnets to create torque. ### C. Hall Effect Sensor Since this is a Brushless DC (BLDC) fan, it requires an integrated circuit (IC) to handle switching. The Hall sensor detects the position of the rotor magnets and tells the controller which coil to energize next. ### D. Control IC & Protection The internal PCB usually includes: * **Commutation Logic:** Switches the polarity of the coils at the right time. * **Auto-Restart Protection:** If the fan is physically blocked, the IC cuts power to prevent the coils from overheating and melting, then periodically attempts to restart. * **Reverse Polarity Protection:** A diode or circuit logic that prevents damage if the positive and negative wires are swapped. --- ## 3. Wiring Configuration Depending on the specific suffix, the fan typically uses a color-coded wiring system: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | Positive 5V DC Power input. | | **Black** | GND (-) | Ground / Negative return. | | **Yellow/White** | Tachometer (Optional) | Sends a pulse signal to the CPU/Controller to monitor RPM. | --- ## 4. Key Applications Due to its small 40mm profile and 5V operation, the F412R-05LB is frequently found in: * **Single Board Computers (SBCs):** Such as Raspberry Pi cases or Jetson Nano modules. * **Networking Gear:** Small routers, switches, and firewalls. * **Portable Projectors:** Where high airflow is needed in a tiny footprint. * **Medical Equipment:** Small handheld diagnostic tools requiring active cooling. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LB' and 'MB' suffixes in this fan series?
    • ⤷ How can I implement PWM speed control on a 2-wire F412R-05LB fan?
    • ⤷ What is the expected lifespan (MTTF) of the sleeve bearing version compared to ball bearings?