データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F412R-12LB

  • AI
    ### Overview of the F412R-12LB The **F412R-12LB** is a specialized DC cooling fan typically manufactured by brands like **Nidec** (Copal Electronics). It belongs to the 40mm square fan family, commonly used for internal cooling in compact electronic devices, power supplies, and telecommunications equipment. --- ### Key Technical Specifications The part number itself encodes several electrical and physical characteristics. Below is a breakdown of the standard specifications for this model: | Parameter | Specification | | :--- | :--- | | **Dimensions** | 40mm x 40mm x 12mm | | **Rated Voltage** | 12V DC | | **Operating Voltage Range** | 10.2V – 13.8V | | **Current Consumption** | ~0.04A to 0.06A (varies by revision) | | **Bearing Type** | Sleeve Bearing (indicated by "LB" or similar suffix) | | **Speed (RPM)** | Low to Medium Speed (approx. 4500 - 5500 RPM) | | **Airflow** | ~4.5 to 6.0 CFM (Cubic Feet per Minute) | | **Noise Level** | ~20 - 25 dB(A) | --- ### Internal Electronic Components The F412R-12LB is a **Brushless DC (BLDC) motor** fan. Its internal circuitry consists of several critical electronic parts: 1. **Permanent Magnet Rotor:** The rotating part of the fan contains a ring magnet. 2. **Stator Windings:** Copper coils that are energized in sequence to create a rotating magnetic field. 3. **Hall Effect Sensor:** A small IC that detects the position of the rotor magnets to tell the controller when to switch the current in the coils. 4. **Commutation Controller:** A specialized driver IC that handles the switching of the DC power to the stator windings. 5. **Protection Diode:** Often included to protect the fan from **reverse polarity** (connecting positive to negative by mistake). --- ### Lead Wire Configuration Typically, this fan comes with a 2-wire or 3-wire interface: * **Red Wire:** Positive DC Input (+12V). * **Black Wire:** Ground (GND). * **White/Yellow Wire (Optional):** Tachometer/FG (Frequency Generator) signal, used by the motherboard to monitor the fan's RPM. --- ### Applications Due to its small 12mm thickness and 40mm footprint, the F412R-12LB is found in: * **Networking Gear:** Small routers and switches. * **3D Printers:** Cooling the hot-end or stepper motor drivers. * **Medical Equipment:** Portable diagnostic devices. * **Industrial PC Enclosures:** Providing localized airflow for chipsets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LB' and 'MB' suffixes in this fan series?
    • ⤷ How can I test the tachometer signal of this fan using an oscilloscope?
    • ⤷ Are there waterproof (IP-rated) versions of the 40mm Nidec fans?