データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F6908L-SH2-R

  • AI
    The **F6908L-SH2-R** is a specific electronic component typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a Power Management IC (PMIC), often produced by manufacturers like *UTC (Unisonic Technologies)*. Below is a detailed breakdown of its specifications, pin configuration, and technical features. --- ### 1. General Specifications The F6908 series is designed for applications requiring high efficiency and low noise, common in battery-powered devices. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Output Voltage** | Fixed or Adjustable (Suffix dependent) | | **Output Current** | 150mA to 300mA (standard range) | | **Input Voltage Range** | 2.5V to 6.0V | | **Package Type** | SOT-26 / SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +85°C | | **Key Features** | High PSRR, Low Quiescent Current, Shutdown Mode | --- ### 2. Part Number Breakdown The suffixing in electronic parts usually denotes packaging and environmental standards: * **F6908L**: The base model series (Low Dropout Regulator). * **SH2**: Indicates the specific package type (often SOT-26 or similar small-outline transistor package). * **R**: Typically stands for "Tape & Reel" (packaging for automated assembly). * **L (at the end/prefix)**: Often signifies Lead-free/RoHS compliance. --- ### 3. Pin Configuration (Typical SOT-26) While you should always consult the specific datasheet for the manufacturer, the standard pinout for this class of IC is generally: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | | 6 | **NC** | No Connection | --- ### 4. Application Circuit Example To ensure stability, LDOs require external capacitors. Below is a conceptual representation of how this part is integrated: ```c [Input Voltage] ----+----[ VIN ] [ VOUT ]----+---- [ Regulated Output ] | | [C1] [C2] | | [Ground] -----------+----[ GND ]----------------+---- [ Ground ] ``` ### 5. Key Advantages * **Low Dropout Voltage:** Can maintain regulation even when the input voltage is only slightly higher than the output. * **Low Quiescent Current:** Minimizes power drain when the device is in standby, extending battery life. * **Protection:** Usually includes thermal shutdown and current limiting protection. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the F6908L?
    • ⤷ How do I calculate the heat dissipation requirements for this SOT-26 package?
    • ⤷ What is the specific Dropout Voltage (Vdo) for this model at max load?