データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FAP-32-R/Q

  • AI
    The **FAP-32-R/Q** refers to a high-reliability electronic component, typically identified as a **Fast Recovery Diode Module** or a specific high-power switching part used in industrial power electronics. These are commonly used in motor drives, power supplies, and welding equipment. Below is an explanation of its electronic structure, key specifications, and technical characteristics. --- ### 1. Technical Specifications The "R/Q" suffix usually denotes specific variations in recovery speed or voltage ratings. Below are the general parameters for this class of power module: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | FRD (Fast Recovery Diode) | Designed for high-speed switching. | | **Voltage Rating ($V_{RRM}$)** | 200V - 600V | Maximum repetitive peak reverse voltage. | | **Current Rating ($I_{F}$)** | 30A - 60A | Average forward current per diode. | | **$t_{rr}$ (Reverse Recovery Time)** | < 100ns | The time it takes for the diode to stop conducting. | | **Configuration** | Dual / Center Tap | Often contains two diodes in one package. | --- ### 2. Internal Electronic Structure The FAP-32 series is generally constructed using **Silicon (Si)** substrate technology optimized for "soft recovery" characteristics. * **P-N Junction:** Specially doped to minimize stored charge, which reduces the "reverse recovery current spike" during switching. * **Heat Sink Interface:** The baseplate is usually isolated (electrically dead) but thermally conductive, allowing it to be bolted directly to a metal chassis or heat sink. * **Protection:** Often includes glass passivation to protect the silicon junctions from moisture and contaminants. --- ### 3. Key Applications Because of the "Fast Recovery" nature of the FAP-32-R/Q, it is used where standard diodes would fail due to excessive heat generation from switching losses. 1. **Switch Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC to DC. 2. **Inverters:** Acts as a "freewheeling diode" to protect transistors (IGBTs/MOSFETs) from inductive voltage spikes. 3. **Welding Machines:** Handles high-current rectification at high frequencies. 4. **DC-DC Converters:** Ensures efficiency by reducing energy lost during the transition from the "on" state to the "off" state. --- ### 4. Comparison: Standard vs. Fast Recovery (FAP-32) | Feature | Standard Rectifier (e.g., 1N4007) | FAP-32-R/Q | | :--- | :--- | :--- | | **Switching Speed** | Slow | Very Fast | | **Heat Dissipation** | Low | High (requires heat sink) | | **Frequency Range** | 50/60 Hz | 20 kHz - 100 kHz+ | | **Voltage Drop ($V_F$)** | ~0.7V - 1.1V | Slightly higher (~1.2V - 1.5V) |
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum reverse voltage rating for the R versus the Q variant?
    • ⤷ Can you provide a wiring diagram for a center-tap diode module?
    • ⤷ How do I test if an FAP-32 module is faulty using a multimeter?