データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FAP-D1-R

  • AI
    The **FAP-D1-R** is an industrial-grade **Single-Point Laser Time-of-Flight (ToF)** distance sensor, commonly used for high-precision measurement in robotics, logistics, and industrial automation. Below is a breakdown of its core electronic components, technical specifications, and internal architecture. --- ## 1. Core Electronic Components The device operates on a **Time-of-Flight (ToF)** principle, which requires several specialized high-speed electronic modules: | Component Category | Description | |:---|:---| | **Laser Emitter** | A 905nm Infrared (IR) Laser Diode that pulses light toward the target. | | **Optical Receiver** | A high-sensitivity Avalanche Photodiode (APD) or PIN photodiode designed to capture reflected photons. | | **Timing Circuit (TDC)** | A Time-to-Digital Converter capable of picosecond resolution to measure the interval between pulse emission and return. | | **Microcontroller (MCU)** | An integrated ARM-based processor that filters raw data, applies temperature compensation, and manages communications. | | **Interface Controller** | Hardware chips for RS-485/Modbus or RS-232 serial communication protocols. | --- ## 2. Technical Specifications The FAP-D1-R is designed for balance between range and accuracy. | Feature | Specification | |:---|:---| | **Operating Voltage** | 10V - 30V DC | | **Communication Interface** | RS-485 (Modbus RTU) / RS-232 | | **Measurement Range** | 0.05m to 30m (depending on target reflectivity) | | **Accuracy** | ±3cm to ±5cm | | **Resolution** | 1mm | | **Laser Class** | Class 1 (Eye Safe) | | **Power Consumption** | < 1.5W | --- ## 3. Pinout & Wiring Configuration The sensor typically uses a multi-core cable (often 5-pin) to handle power and data transmission. | Wire Color | Function | Description | |:---|:---|:---| | **Red** | VCC | Power Supply (10-30V DC) | | **Black** | GND | Ground | | **Yellow** | RS-485 A | Data (+) | | **White** | RS-485 B | Data (-) | | **Green** | Shield | Earth / Housing Ground | --- ## 4. Key Electronic Features ### High Frequency Modulated Light Unlike simple proximity sensors, the FAP-D1-R uses modulated laser pulses. This electronic filtering allows the sensor to ignore ambient sunlight, making it functional in outdoor or high-brightness environments. ### Data Output Processing The internal electronics do not just output raw time; they perform: 1. **Signal Averaging:** Reduces noise from vibrating surfaces. 2. **Temperature Compensation:** Adjusts for the drift in laser diode performance as the unit heats up. 3. **Threshold Logic:** Determines if a signal is a valid reflection or just atmospheric dust. ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the Modbus registers for the FAP-D1-R?
    • ⤷ What is the difference between the FAP-D1-R and the FAP-D1-L models?
    • ⤷ Can this sensor be used for liquid level measurement?