データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FAP-D2-R

  • AI
    The **FAP-D2-R** (part of the FAP series, likely referring to the **FAP-D2-R Filter Assembly**) is primarily an electronic component assembly used in power electronics, specifically for noise suppression and electromagnetic interference (EMI) filtering. --- ## 1. Core Electronic Components The FAP-D2-R is not a single semiconductor but a passive filter network. Below are the primary internal electronic parts: | Component Type | Function | Description | | :--- | :--- | :--- | | **Common Mode Choke** | Inductive Filtering | A dual-winding coil on a ferrite core that suppresses high-frequency noise common to both power lines. | | **X-Capacitors** | Line-to-Line Filtering | Metalized film capacitors placed across the AC lines to suppress differential mode interference. | | **Y-Capacitors** | Line-to-Ground Filtering | Ceramic or film capacitors that bypass noise from the power lines to the chassis ground. | | **Bleeder Resistor** | Safety Discharge | A high-resistance component that discharges the energy stored in capacitors when power is removed. | --- ## 2. Technical Specifications Typical electronic characteristics for this class of filter assembly include: - **Rated Voltage:** Usually ranges from **110V to 250V AC**, depending on the specific regional certification. - **Current Rating:** Typically rated between **2A and 10A** (The "2" in D2 often signifies a 2-Ampere rating). - **Operating Frequency:** 50/60 Hz. - **Dielectric Strength:** High-voltage isolation between the electronics and the outer casing (often tested at 1500V AC). --- ## 3. Circuit Application In an electronic system, the FAP-D2-R acts as a "gatekeeper" located at the power entry module. Its circuit diagram usually follows this logic: ```mermaid graph LR A[AC Input] --> B[X-Capacitor] B --> C[Common Mode Choke] C --> D[Y-Capacitors to Ground] D --> E[Clean DC Power Supply] ``` ### Key Functions: 1. **EMI Suppression:** Prevents high-frequency noise generated by switching power supplies (SMPS) from leaking back into the grid. 2. **Transient Protection:** Provides a minor level of protection against spikes and surges. 3. **Compliance:** Ensures the device meets international standards like FCC or CISPR regarding electromagnetic emissions. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the FAP-D2-R?
    • ⤷ How does the 'R' suffix impact the pin configuration or resistance values?
    • ⤷ Can this filter be used in DC-to-DC converter applications?