データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FAP-G5-R

  • AI
    The **FAP-G5-R** (likely referring to a specific variant of a Flame Arrestor with an Electronic Feedback/Monitoring system or a specialized industrial sensor assembly) typically integrates mechanical safety with electronic monitoring components. Below is a breakdown of the electronic parts and systems commonly found in high-grade industrial units like the FAP-G5-R series. --- ### 1. Core Electronic Components | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Feedback Sensor** | Detects the position of the internal valve or pallet. | Often uses an inductive proximity switch or a magnetic reed switch. | | **Temperature Transmitter** | Monitors the internal temperature of the arrestor element. | Typically a PT100 RTD or Type K Thermocouple. | | **Pressure Transducer** | Measures pressure drop across the flame cell. | Provides 4-20mA or 0-10V analog output signals. | | **Signal Converter** | Translates raw sensor data into digital communication. | Supports protocols like HART, Modbus, or Foundation Fieldbus. | ### 2. Wiring and Connectivity The electronic interface of the FAP-G5-R is designed for integration into a **Distributed Control System (DCS)** or **Programmable Logic Controller (PLC)**. * **Enclosure Rating:** Usually housed in an **IP66/IP67** or **NEMA 4X** rated junction box to protect electronics from moisture and dust. * **Intrinsically Safe (IS) Barriers:** Since these units are often used in explosive atmospheres (ATEX/IECEx zones), the electronics are designed with low-power circuits to prevent ignition. * **Cable Glands:** Specialized explosion-proof glands are used to maintain the integrity of the electronic housing. ### 3. Safety and Monitoring Logic The "R" in the model name often signifies **Remote Monitoring** or **Reset** capabilities. The electronic logic follows these principles: 1. **Continuous Monitoring:** The sensors provide real-time data on whether the flame arrestor is clogged (via pressure differential) or if a localized fire is occurring (via temperature). 2. **Alarm Triggering:** If the electronic sensors detect parameters outside of the safety window, the system triggers a dry contact relay to shut down the process flow. 3. **Diagnostic Feedback:** Modern FAP units include self-diagnostic electronics that notify the operator if a sensor wire is cut or if the sensor itself has failed. --- ### Summary of Specifications ```json { "electrical_supply": "24V DC", "output_signal": "4-20 mA / Digital Switch", "hazardous_area_rating": "Class I, Div 1 / Zone 0, 1", "connector_type": "M12 or Terminal Block", "housing_material": "Stainless Steel or Aluminum" } ```
    ✨ Follow-up Questions
    • ⤷What is the specific ATEX rating for the FAP-G5-R electronics?
    • ⤷ How do I calibrate the pressure transducer in this unit?
    • ⤷ Can the electronic feedback system be bypassed for maintenance?