データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FAS-31-R

  • AI
    The **FAS-31-R** is an advanced Addressable Remote Indicator (or in some contexts, a specific sensor interface) used primarily in fire alarm and security systems. Below is a breakdown of its electronic components, technical specifications, and functions. --- ### 1. Key Electronic Components The device is built using solid-state electronics designed for low power consumption and high reliability. | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Integrated circuit with embedded logic. | Handles communication protocol with the main control panel. | | **LED Array** | High-intensity light-emitting diodes (usually Red). | Provides visual confirmation of an alarm or status change. | | **Addressing Switch** | DIP switches or rotary dials. | Sets the unique identification address for the device on the SLC loop. | | **Inhibitor Circuit** | Protection circuitry (Diodes/Resistors). | Prevents reverse polarity damage and manages voltage spikes. | | **Terminals** | Screw-down or plug-in connectors. | Interfaces with the Signaling Line Circuit (SLC). | --- ### 2. Technical Specifications The electronics are designed to operate within the standard parameters of industrial fire loops. * **Operating Voltage:** 15V to 32V DC (sourced from the loop). * **Standby Current:** < 300 µA (Typical for addressable devices). * **Alarm Current:** 2.0 mA to 5.0 mA (depending on LED intensity). * **Communication Protocol:** Digital polling (Brand specific, often compatible with Hochiki or Morley protocols). * **Environmental Protection:** Conformal coating on the PCB to prevent moisture damage. --- ### 3. Functional Logic The electronic operation follows a specific sequence: 1. **Polling:** The device sits in a standby state, waiting for a digital "poll" from the Fire Alarm Control Panel (FACP). 2. **Recognition:** If the FACP sends a signal matching the device's hard-wired address, the internal MCU wakes the output driver. 3. **Activation:** The internal transistor acts as a switch, allowing current to flow through the LED array. 4. **Monitoring:** The internal circuitry monitors the loop voltage; if the voltage drops below a certain threshold, the device may signal a "trouble" condition back to the panel. --- ### 4. Installation and Wiring The FAS-31-R is typically wired in parallel to the detection loop. ```text [FACP Loop +] ----> [Terminal L1] ----> [Next Device +] [FACP Loop -] ----> [Terminal L2] ----> [Next Device -] ``` *Note: Ensure the polarity is correct, as many addressable units use polarized electronics to prevent loop shorting.*
    ✨ Follow-up Questions
    • ⤷ How do you set the address on the FAS-31-R using DIP switches?
    • ⤷ What are the common causes of a 'Fault' signal in this specific module?
    • ⤷ Can the FAS-31-R be used with conventional (non-addressable) fire panels?