データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FAS-A5-R

  • AI
    The **FAS-A5-R** is an advanced industrial sensor module, typically categorized as a high-precision **Fiber Optic Amplifier**. These units are designed to process light signals received through fiber optic cables and convert them into electrical signals for PLC (Programmable Logic Controller) systems. --- ### 1. Technical Specifications The following table outlines the core electronic and operational parameters of the FAS-A5-R: | Feature | Specification | | :--- | :--- | | **Light Source** | Red LED (typically 660 nm) | | **Response Time** | High-speed (approx. 50μs to 250μs depending on mode) | | **Output Type** | PNP or NPN Open Collector (Model dependent) | | **Operating Voltage** | 12 - 24V DC (±10% ripple) | | **Control Output** | Max 100mA load current | | **Timer Function** | ON-delay, OFF-delay, or One-shot | --- ### 2. Key Electronic Components The FAS-A5-R consists of several critical internal and external interface parts: * **Emitter/Receiver Unit:** Uses a high-intensity red LED to transmit light and a photodiode/phototransistor to detect the return signal. * **Microprocessor Control:** An internal MCU handles the digital logic, threshold comparisons, and high-speed switching tasks. * **Dual Digital Display:** Most "A5" series models feature two 4-digit LED displays—one for the **Current Value** (received light intensity) and one for the **Set Value** (the threshold). * **Sensitivity Adjustment:** Utilizes tactile buttons for "Teach-in" functions, allowing the device to electronically calibrate the switching point based on the environment. --- ### 3. Wiring and Connection The device typically utilizes a standard 3-wire or 4-wire color-coded system for integration into industrial circuits: ```yaml Wiring Code: - Brown: Positive Supply (+12V to +24V DC) - Blue: Negative Supply (0V / Ground) - Black: Control Output (Signal to PLC) - Pink/White: External Input (Remote Teaching or Sync) ``` ### 4. Application Logic The FAS-A5-R operates on a simple logic loop: 1. **Detection:** Light is sent via the fiber cable. 2. **Conversion:** The reflected light is converted into a voltage level. 3. **Comparison:** The MCU compares the voltage to the user-defined threshold. 4. **Output:** If the signal meets the criteria, the output transistor (NPN/PNP) closes the circuit to trigger an alarm or a machine action.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the sensitivity on a FAS-A5-R amplifier?
    • ⤷ What is the difference between NPN and PNP output models?
    • ⤷ What type of fiber optic cables are compatible with this unit?