データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCLM635S20LD1

  • AI
    The **FCLM635S20LD1** is a high-performance **Red Laser Diode Module** frequently used in industrial, medical, and scientific applications. It is specifically designed for stability and high beam quality. --- ### 1. Key Technical Specifications Below are the primary electronic and optical parameters for this specific part: | Parameter | Value | | :--- | :--- | | **Wavelength** | 635 nm (Visible Red) | | **Output Power** | 20 mW | | **Operating Voltage** | 3.0V to 5.0V DC | | **Operating Current** | < 80 mA (Typical) | | **Beam Shape** | Circular / Elliptical (Collimated) | | **Operating Temp** | -10°C to +50°C | --- ### 2. Core Electronic Components The internal architecture of the FCLM635S20LD1 consists of three main stages: #### A. The Laser Diode (LD) * **Material:** AlGaInP (Aluminum Gallium Indium Phosphide) semiconductor. * **Function:** Converts electrical energy directly into light via stimulated emission. * **Sensitivity:** Extremely sensitive to Electrostatic Discharge (ESD) and current spikes. #### B. The APC (Auto Power Control) Driver Circuit Unlike simple "pointer" lasers, this module typically includes a built-in driver circuit: * **Feedback Loop:** Uses a photodiode (PD) integrated inside the laser package to monitor real-time light output. * **Regulation:** Adjusts the injection current automatically to maintain a constant 20mW output, even if the temperature fluctuates or the input voltage varies slightly. #### C. Optics and Housing * **Collimating Lens:** A glass or high-grade plastic aspheric lens that straightens the diverging beam. * **Heat Sink/Shell:** The brass or aluminum housing acts as a thermal mass to dissipate heat, preventing "thermal runaway" which can destroy the diode. --- ### 3. Wiring and Integration Standard modules typically use a 2-wire or 3-wire configuration: * **Red Wire:** Positive (+) VCC (usually 3V or 5V). * **Black Wire:** Negative (-) GND. * **Yellow/Blue (Optional):** TTL Modulation. Some versions allow for high-speed switching (ON/OFF) for data transmission or strobe effects. --- ### 4. Application Precautions 1. **Heat Dissipation:** While 20mW is relatively low power, prolonged use requires the module to be mounted to a metal surface to ensure longevity. 2. **ESD Protection:** Always use a grounding strap when handling the leads, as static can puncture the semiconductor junction. 3. **Safety:** A 20mW 635nm laser is classified as **Class 3R or 3B**. Direct eye exposure will cause permanent retinal damage.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency for TTL modulation on this module?
    • ⤷ Can this laser be powered by a single Li-ion battery (3.7V)?
    • ⤷ How does the 635nm wavelength compare to standard 650nm lasers in terms of visibility?