データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCLM635S20LM2

  • AI
    The **FCLM635S20LM2** is a specialized optoelectronic component, specifically a **Coaxial Pigtailed Laser Diode Module**. These modules are designed to convert electrical signals into high-precision optical signals for applications in fiber optic sensing, medical instrumentation, and industrial measurement. --- ## 1. Core Technical Specifications The part number typically indicates specific physical and performance characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Wavelength** | 635 nm (Visible Red Light) | | **Output Power** | 20 mW (High-intensity for its class) | | **Package Type** | Coaxial Pigtailed (Fiber-coupled) | | **Fiber Type** | Single-mode (SM) or Multi-mode (MM) depending on sub-variant | | **Connector** | Typically FC/PC or FC/APC | --- ## 2. Key Electronic Components The internal construction of this module involves several critical layers of electronic and physical integration: ### A. The Laser Diode Chip (The Source) At the heart of the module is a **GaInP/AlGaInP** semiconductor. * **P-N Junction:** When a forward current is applied, electrons recombine with holes, emitting photons. * **Optical Cavity:** The chip features mirrors (cleaved facets) that provide the feedback necessary for stimulated emission (Lasing). ### B. Monitoring Photodiode (Feedback) Most modules in this series include an integrated **Monitor Photodiode (MPD)**. * **Function:** It captures a small portion of the light from the back facet of the laser. * **Control Loop:** It sends a current signal back to the driver circuit to ensure "Constant Optical Power" (APC mode), compensating for temperature fluctuations or aging. ### C. Thermistor (Temperature Sensing) High-power laser diodes like the 20mW variant generate significant heat. * **NTC Thermistor:** Often embedded near the diode to provide real-time temperature data to an external Thermo-Electric Cooler (TEC) controller. --- ## 3. Electrical Characteristics & Driving Requirements To operate this part safely, the following electronic considerations must be met: 1. **Threshold Current ($I_{th}$):** The minimum current required to start lasing (usually 30–50 mA). 2. **Operating Current ($I_{op}$):** The current required to reach the 20mW output (typically 80–120 mA). 3. **Forward Voltage ($V_f$):** Usually ranges between 2.2V and 2.6V. 4. **ESD Sensitivity:** These parts are extremely sensitive to static (Class 2 or higher). A shunt resistor or protection diode is often used in the external driving circuit. --- ## 4. Typical Applications * **Fiber Sensing:** Used in Distributed Temperature Sensing (DTS). * **Alignment:** High-visibility red beam for industrial machine alignment. * **Biomedical:** Used in flow cytometry and fluorescence excitation. * **Communication:** Short-reach visible light communication (VLC).
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the FCLM635S20LM2 module?
    • ⤷ How do I implement an Automatic Power Control (APC) circuit for this laser?
    • ⤷ What is the recommended operating temperature range to prevent wavelength drift?